Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRA245F03 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZRA245F03
Description  PRECISION 2.45 VOLT VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRA245F03 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZRA245F03 Datasheet HTML 1Page - Zetex Semiconductors ZRA245F03 Datasheet HTML 2Page - Zetex Semiconductors ZRA245F03 Datasheet HTML 3Page - Zetex Semiconductors ZRA245F03 Datasheet HTML 4Page - Zetex Semiconductors ZRA245F03 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SO8
Package Suffix – N8
Top View
SOT23
Package Suffix – F
Top View –
Pin 1 floating or connected to pin 2
E-Line, 3 pin,Rev
Package Suffix – R
Bottom View –
Pin 3 floating or connected to pin 1
E-Line, 2 pin
Package Suffix – Y
Bottom View
CONNECTION DIAGRAMS
ZRA245
E-Line, 3 pin
Package Suffix – A
Bottom View –
Pin 1 floating or connected to pin 3
4-230


Similar Part No. - ZRA245F03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA245F03 ZETEX-ZRA245F03 Datasheet
180Kb / 5P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
More results

Similar Description - ZRA245F03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR458 ZETEX-ZR458 Datasheet
52Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR404 ZETEX-ZR404 Datasheet
58Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR458 DIODES-ZR458 Datasheet
63Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR404 DIODES-ZR404 Datasheet
64Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA245 ZETEX-ZRA245_06 Datasheet
180Kb / 5P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com