Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF6G21-10G Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF6G21-10G
Description  Power LDMOS transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF6G21-10G Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF6G21-10G Datasheet HTML 3Page - NXP Semiconductors BLF6G21-10G Datasheet HTML 4Page - NXP Semiconductors BLF6G21-10G Datasheet HTML 5Page - NXP Semiconductors BLF6G21-10G Datasheet HTML 6Page - NXP Semiconductors BLF6G21-10G Datasheet HTML 7Page - NXP Semiconductors BLF6G21-10G Datasheet HTML 8Page - NXP Semiconductors BLF6G21-10G Datasheet HTML 9Page - NXP Semiconductors BLF6G21-10G Datasheet HTML 10Page - NXP Semiconductors BLF6G21-10G Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BLF6G21-10G_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 December 2009
8 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
8.
Package outline
Fig 14. Package outline SOT538A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT538A
A
Q
0
2.5
5 mm
scale
Ceramic surface-mounted package; 2 leads
SOT538A
UNIT
c
bD
E
HL
Q
α
α
w1
mm
0.23
0.18
1.35
1.19
5.16
5.00
5.16
5.00
D1
D2
E1
E2
4.65
4.50
4.14
3.99
7.49
7.24
4.14
3.99
7
°
0
°
0.25
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
2.03
1.27
0.10
0.00
A
2.95
2.29
inches
0.009
0.007
0.053
0.047
0.203
0.197
0.203
0.197
0.183
0.177
0.163
0.157
3.63
3.48
0.143
0.137
0.295
0.285
0.163
0.157
7
°
0
°
0.010
0.080
0.050
0.004
0.000
z1
0.58
0.43
0.023
0.017
z2
0.25
0.18
0.010
0.007
z3
0.97
0.81
0.038
0.032
z4
0.51
0.00
0.020
0.000
0.116
0.090
02-08-20
06-03-16
H
E
E2 E1
c
b
L
D
D2
D1
z4 (4×)
z2 (4×)
B
A
2
1
3
w1
B
M
M
z1 (4×)
z3 (4×)


Similar Part No. - BLF6G21-10G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G21-10G NXP-BLF6G21-10G Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF6G21-10G PHILIPS-BLF6G21-10G_15 Datasheet
195Kb / 12P
   Power LDMOS transistor
Rev. 3-11 April 2013
More results

Similar Description - BLF6G21-10G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com