Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63030DSKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63030DSKT
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63030DSKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS63030DSKT Datasheet HTML 6Page - Texas Instruments TPS63030DSKT Datasheet HTML 7Page - Texas Instruments TPS63030DSKT Datasheet HTML 8Page - Texas Instruments TPS63030DSKT Datasheet HTML 9Page - Texas Instruments TPS63030DSKT Datasheet HTML 10Page - Texas Instruments TPS63030DSKT Datasheet HTML 11Page - Texas Instruments TPS63030DSKT Datasheet HTML 12Page - Texas Instruments TPS63030DSKT Datasheet HTML 13Page - Texas Instruments TPS63030DSKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
V =2.4V,IL =175mA to265mA
I
OutputVoltage
50mV/div, AC
OutputCurrent
50mA/div
TPS63031,V
=3.3V
O
Time-1ms/div
3.201
3.234
3.267
3.3
3.333
3.366
3.399
V =3.6V
I
V
=3.3V
O
1
10
100
1000
I
-OutputCurrent-mA
O
TPS63031
PowerSaveDisabled
V =4.2V,IL =340mA to500mA
I
OutputVoltage
50mV/div, AC
OutputCurrent
100mA/div
TPS63031,V =3.3V
O
Time1ms/div
Time2ms/Div
TPS63031,V
=3.3V
O
V =3Vto3.6V,IL =300mA
I
InputVoltage
500mV/div, AC
OutputVoltage
20mV/div, AC
TPS63030
TPS63031
SLVS696A – OCTOBER 2008 – REVISED MARCH 2009.................................................................................................................................................. www.ti.com
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
LOAD TRANSIENT RESPONSE
Figure 15.
Figure 16.
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS63030 TPS63031


Similar Part No. - TPS63030DSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030DSKT TI-TPS63030DSKT Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030DSKT TI1-TPS63030DSKT Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030DSKTG4 TI-TPS63030DSKTG4 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030DSKTG4 TI1-TPS63030DSKTG4 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results

Similar Description - TPS63030DSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Texas Instruments
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com