Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63031DSKTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63031DSKTG4
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63031DSKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS63031DSKTG4 Datasheet HTML 1Page - Texas Instruments TPS63031DSKTG4 Datasheet HTML 2Page - Texas Instruments TPS63031DSKTG4 Datasheet HTML 3Page - Texas Instruments TPS63031DSKTG4 Datasheet HTML 4Page - Texas Instruments TPS63031DSKTG4 Datasheet HTML 5Page - Texas Instruments TPS63031DSKTG4 Datasheet HTML 6Page - Texas Instruments TPS63031DSKTG4 Datasheet HTML 7Page - Texas Instruments TPS63031DSKTG4 Datasheet HTML 8Page - Texas Instruments TPS63031DSKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
L1
VIN
VINA
EN
PS/SYNC
GND
L2
VOUT
FB
PGND
L1
1.5µH
C2
10µF
C1
4.7µF
VIN
1.8Vto
5.5V
VOUT
3.3Vupto
800mA
TPS63031
TPS63030
TPS63031
www.ti.com.................................................................................................................................................. SLVS696A – OCTOBER 2008 – REVISED MARCH 2009
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
• All Two-Cell and Three-Cell Alkaline, NiCd or
2
• Up to 96% Efficiency
NiMH or Single-Cell Li Battery Powered
• 800-mA Output Current at 3.3V in Step Down
Products
Mode (VIN = 3.6V to 5.5V)
• Portable Audio Players
• Up to 500-mA Output Current at 3.3V in Boost
• PDAs
Mode (VIN > 2.4V)
• Cellular Phones
• Automatic Transition Between Step Down and
• Personal Medical Products
Boost Mode
• White LEDs
• Device Quiescent Current less than 50µA
• Input Voltage Range: 1.8V to 5.5V
• Fixed and Adjustable Output Voltage Options
The TPS6303x devices provide a power supply
from 1.2V to 5.5V
solution for products powered by either a two-cell or
• Power Save Mode for Improved Efficiency at
three-cell alkaline, NiCd or NiMH battery, or a
Low Output Power
one-cell Li-Ion or Li-polymer battery. Output currents
can go as high as 600 mA while using a single-cell
• Forced Fixed Frequency Operation and
Li-Ion or Li-Polymer Battery, and discharge it down to
Synchronization Possible
2.5V or lower. The buck-boost converter is based on
• Load Disconnect During Shutdown
a fixed frequency, pulse-width-modulation (PWM)
• Over-Temperature Protection
controller using synchronous rectification to obtain
maximum
efficiency.
At
low
load
currents,
the
• Available in Small 2,5-mm × 2,5-mm, QFN-10
converter enters Power Save mode to maintain high
Package
efficiency over a wide load current range. The Power
Save mode can be disabled, forcing the converter to
operate at a fixed switching frequency. The maximum
average current in the switches is limited to a typical
value
of
1000
mA.
The
output
voltage
is
programmable using an external resistor divider, or is
fixed internally on the chip. The converter can be
disabled to minimize battery drain. During shutdown,
the load is disconnected from the battery. The device
is packaged in a 10-pin QFN PowerPAD™ package
measuring 2.5 mm × 2.5 mm (DSK).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS63031DSKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63031DSKTG4 TI-TPS63031DSKTG4 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSKTG4 TI1-TPS63031DSKTG4 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results

Similar Description - TPS63031DSKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Texas Instruments
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com