Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22364YZPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A22364YZPR
Description  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A22364YZPR Datasheet(HTML) 3 Page - Texas Instruments

  TS5A22364YZPR Datasheet HTML 1Page - Texas Instruments TS5A22364YZPR Datasheet HTML 2Page - Texas Instruments TS5A22364YZPR Datasheet HTML 3Page - Texas Instruments TS5A22364YZPR Datasheet HTML 4Page - Texas Instruments TS5A22364YZPR Datasheet HTML 5Page - Texas Instruments TS5A22364YZPR Datasheet HTML 6Page - Texas Instruments TS5A22364YZPR Datasheet HTML 7Page - Texas Instruments TS5A22364YZPR Datasheet HTML 8Page - Texas Instruments TS5A22364YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
InputSelect
Shunt
Switch
IN2
IN1
COM2
COM1
NC2
NC1
NO2
OUT+
OUT+
OUT–
OUT–
NO1
TS5A22364
Audio
Source1
Audio
Source2
8-
Speaker
8-
Speaker
Input Select
IN2
IN1
COM2
COM1
NC2
NC1
NO2
OUT+
OUT+
OUT–
OUT–
NO1
TS5A22362
Audio
Source 1
Audio
Source 2
TS5A22362, TS5A22364
www.ti.com
SCDS261C – MARCH 2008 – REVISED APRIL 2010
APPLICATION BLOCK DIAGRAMS
Figure 1. TS5A22364 Application Block Diagram
Shunt Switch (TS5A22364)
The 50-
Ω shunt switches on the TS5A22364 automatically discharge any capacitance at the NC or NO terminals
when they are unconnected to COM. This reduces audible click-and-pop sounds that occur when switching
between audio sources. Audible clicks and pops are caused when a step DC voltage is switched into the
speaker. By automatically discharging the side that is not connected, any residual DC voltage is removed,
thereby reducing the clicks and pops.
Figure 2. TS5A22362 Application Block Diagram
Negative Signaling Capacity
The TS5A22362 and TS5A22364 dual SPDT switches feature negative signal capability that allows signals below
ground to pass through without distortion. These analog switches operate from a single +2.3-V to +5.5-V supply.
The input/output signal swing of the device is dependant of the supply voltage V+: the devices pass signals as
high as V+ and as low as V+ – 5.5 V, including signals below ground with minimal distortion.
Table 1 shows the input/output signal swing the user can get with different supply voltages.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A22362 TS5A22364


Similar Part No. - TS5A22364YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22364YZPR TI-TS5A22364YZPR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364YZPR TI-TS5A22364YZPR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364YZPR TI1-TS5A22364YZPR Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364YZPR TI1-TS5A22364YZPR Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

Similar Description - TS5A22364YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com