Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2832-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2832-EP
Description  PRECISION LOW DROPOUT LINEAR CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2832-EP Datasheet(HTML) 3 Page - Texas Instruments

  UC2832-EP Datasheet HTML 1Page - Texas Instruments UC2832-EP Datasheet HTML 2Page - Texas Instruments UC2832-EP Datasheet HTML 3Page - Texas Instruments UC2832-EP Datasheet HTML 4Page - Texas Instruments UC2832-EP Datasheet HTML 5Page - Texas Instruments UC2832-EP Datasheet HTML 6Page - Texas Instruments UC2832-EP Datasheet HTML 7Page - Texas Instruments UC2832-EP Datasheet HTML 8Page - Texas Instruments UC2832-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UC2832-EP
PRECISION LOW DROPOUT LINEAR CONTROLLER
SGLS147A – JANUARY 2003 – REVISED MARCH 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
VIN supply voltage
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output current (sink or source), IO
450 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver sink to source voltage
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TRC pin voltage
–0.3 V to 3.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Other input voltages
–0.3 V to supply voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating jucntion temperature range, TJ
–55
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
300
_C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, voltages are reference to ground and currents are positive into and negative out of the specified terminals.
electrical characteristics, TA = –40_C to 105_C for the UC2832T-EP, +VIN = 15 V, Driver sink = +VIN,
C/S(+) voltage = +VIN, and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
+VIN = 6 V
6.5
10
Supply current
+VIN = 36 V
9.5
15
mA
Su
ly current
Logic Disable = 2 V
3.3
10
mA
Reference Section
Output voltage
IDRIVER =10mA
TJ = 25_C
1.98
2
2.02
V
Output voltage
IDRIVER = 10 mA
TJ = Full range
1.96
2
2.04
V
Load regulation voltage
IOUT = 0 to 10 mA
–10
–5
10
mV
Line regulation
+VIN = 4.5 V to 36 V,
IDRIVER = 10 mA
0.033
0.5
mV/V
Under-voltage lockout threshold
3.6
4.5
V
Logic Disable Input
Threshold voltage
1.3
1.4
1.5
V
Input bias current
Logic Disable = 0 V
–5
–1
0.1
µA
Current Sense Section
Comparator offset
TJ = 25_C
95
100
105
mV
Comparator offset
TJ = Full range
93
100
107
mV
VADJ = Open
110
135
170
Amplifier offset
VADJ = 1 V
180
235
290
mV
Am lifier offset
VADJ = 0 V
250
305
360
mV
Input bias current
VCM = +VIN
65
100
135
µA
Input offset current
VCM = +VIN
–10
10
µA
Amplifier CMRR
VCM = 4.1 V to +VIN + 0.3 V
80
dB
Transconductance
ICOMP = "100 µA
65
ms
VADJ input current
VADJ = 0 V
–10
–1
µA


Similar Part No. - UC2832-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2832 TI-UC2832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832 TI1-UC2832 Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832DW TI1-UC2832DW Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832DWG4 TI1-UC2832DWG4 Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
More results

Similar Description - UC2832-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI1-UC1832_16 Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI-UC1832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
logo
Anpec Electronics Corop...
APL5611 ANPEC-APL5611 Datasheet
260Kb / 16P
   Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP102 ONSEMI-NCP102 Datasheet
106Kb / 9P
   Low Dropout Linear Regulator Controller
January, 2008 - Rev. 1
logo
Anpec Electronics Corop...
APL5610 ANPEC-APL5610_11 Datasheet
278Kb / 17P
   Low Dropout Linear Regulator Controller
APL5610 ANPEC-APL5610 Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com