Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0101DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0101DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TXB0101DBVT Datasheet HTML 1Page - Texas Instruments TXB0101DBVT Datasheet HTML 2Page - Texas Instruments TXB0101DBVT Datasheet HTML 3Page - Texas Instruments TXB0101DBVT Datasheet HTML 4Page - Texas Instruments TXB0101DBVT Datasheet HTML 5Page - Texas Instruments TXB0101DBVT Datasheet HTML 6Page - Texas Instruments TXB0101DBVT Datasheet HTML 7Page - Texas Instruments TXB0101DBVT Datasheet HTML 8Page - Texas Instruments TXB0101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics
(1) (2)
Timing Requirements
Timing Requirements
TXB0101
SCES639A – JANUARY 2007 – REVISED NOVEMBER 2008........................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
TEST
PARAMETER
VCCA
VCCB
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
MAX
1.2 V
1.1
VOHA
IOH = –20 µA
V
1.4 V to 3.6 V
VCCA – 0.4
1.2 V
0.9
VOLA
IOL = 20 µA
V
1.4 V to 3.6 V
0.4
VOHB
IOH = –20 µA
1.65 V to 5.5 V
VCCB – 0.4
V
VOLB
IOL = 20 µA
1.65 V to 5.5 V
0.4
V
II
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
±1
±2
µA
A port
0 V
0 V to 5.5 V
±1
±2
Ioff
µA
B port
0 V to 3.6 V
0 V
±1
±2
IOZ
A or B port
OE = GND
1.2 V to 3.6 V
1.65 V to 5.5 V
±1
±2
µA
1.2 V
1.65 V to 5.5 V
0.06
1.4 V to 3.6 V
1.65 V to 5.5 V
3
VI = VCCI or GND,
ICCA
µA
IO = 0
3.6 V
0 V
2
0 V
5.5 V
–2
1.2 V
1.65 V to 5.5 V
3.4
1.4 V to 3.6 V
1.65 V to 5.5 V
5
VI = VCCI or GND,
ICCB
µA
IO = 0
3.6 V
0 V
–2
0 V
5.5 V
2
1.2 V
1.65 V to 5.5 V
3.5
VI = VCCI or GND,
ICCA + ICCB
µA
IO = 0
1.4 V to 3.6 V
1.65 V to 5.5 V
8
VI = VCCI or GND,
1.2 V
1.65 V to 5.5 V
0.05
ICCZA
IO = 0,
µA
1.4 V to 3.6 V
1.65 V to 5.5 V
3
OE = GND
VI = VCCI or GND,
1.2 V
1.65 V to 5.5 V
3.3
ICCZB
IO = 0,
µA
1.4 V to 3.6 V
1.65 V to 5.5 V
5
OE = GND
Ci
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
2.5
3
pF
A port
5
6
Cio
1.2 V to 3.6 V
1.65 V to 5.5 V
pF
B port
11
13
(1)
VCCI is the supply voltage associated with the input port.
(2)
VCCO is the supply voltage associated with the output port.
TA = 25°C, VCCA = 1.2 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
UNIT
TYP
TYP
TYP
TYP
Data rate
20
20
20
20
Mbps
tw
Pulse duration
Data inputs
50
50
50
50
ns
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
40
40
40
40
Mbps
tw
Pulse duration
Data inputs
25
25
25
25
ns
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TXB0101


Similar Part No. - TXB0101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101DBVT TI-TXB0101DBVT Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101DBVT TI-TXB0101DBVT Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0101DBVT TI1-TXB0101DBVT Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0101DBVTG4 TI-TXB0101DBVTG4 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101DBVTG4 TI1-TXB0101DBVTG4 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
More results

Similar Description - TXB0101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
425Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com