Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD90124RGCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90124RGCR
Description  12-Rail Sequencer and System Health Monitor With Fan Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD90124RGCR Datasheet(HTML) 2 Page - Texas Instruments

  UCD90124RGCR Datasheet HTML 1Page - Texas Instruments UCD90124RGCR Datasheet HTML 2Page - Texas Instruments UCD90124RGCR Datasheet HTML 3Page - Texas Instruments UCD90124RGCR Datasheet HTML 4Page - Texas Instruments UCD90124RGCR Datasheet HTML 5Page - Texas Instruments UCD90124RGCR Datasheet HTML 6Page - Texas Instruments UCD90124RGCR Datasheet HTML 7Page - Texas Instruments UCD90124RGCR Datasheet HTML 8Page - Texas Instruments UCD90124RGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Comparators
Monitor
Inputs
12-bit
200ksps,
ADC
(Ext or Int. Ref)
SEQUENCING ENGINE
BOOLEAN
Logic Builder
Internal
Temperature
Sensor
General-
Purpose I/O
(GPIO)
or
Fan Tach
Monitors
JTAG
Or
GPIO
PMBus
FLASH Memory
User Data, Fault
and Peak Logging
13
12
6
64-pin QFN
Margining
Outputs
Or GPIO
Fan Control
PWM Outputs
Or
4
16
4
6
10
UCD90124
SLVSA29A – NOVEMBER 2009 – REVISED DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
ORDERABLE PART NUMBER
PACKAGE
Supply
UCD90124RGCR
64-pin QFN
Reel of 2000
UCD90124RGCT
64-pin QFN
Reel of 250
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
Voltage applied at V33D to DVSS
–0.3 V to 3.8
V
Voltage applied at V33A to AVSS
–0.3 V to 3.8
V
Voltage applied at V33FB to AVSS
–0.3 V to 5.5
V
Voltage applied to any other pin (2)
–0.3 V to (V33A +
V
0.3 V)
Storage temperature (Tstg)
–40 to 150
°C
Human-body model (HBM)
2.5
kV
ESD rating
Charged-device model (CDM)
750
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage during operation (V33D, V33DIO, V33A)
3
3.3
3.6
V
Operating free-air temperature range, TA
–40
110
°C
Junction temperature, TJ
125
°C
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :UCD90124


Similar Part No. - UCD90124RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124RGCR TI-UCD90124RGCR Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
More results

Similar Description - UCD90124RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90910 TI1-UCD90910 Datasheet
1Mb / 51P
[Old version datasheet]   10-Rail Sequencer and System Health Monitor With 10-Fan Control
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
[Old version datasheet]   UCD90120 12-Channel Sequencer and System Health Monitor
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
logo
Analog Devices
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
   12-Bit Monitor and Control System with Multichannel
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
   12-Bit Monitor and Control System
logo
Texas Instruments
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com