Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD90124RGCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90124RGCT
Description  12-Rail Sequencer and System Health Monitor With Fan Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD90124RGCT Datasheet(HTML) 1 Page - Texas Instruments

  UCD90124RGCT Datasheet HTML 1Page - Texas Instruments UCD90124RGCT Datasheet HTML 2Page - Texas Instruments UCD90124RGCT Datasheet HTML 3Page - Texas Instruments UCD90124RGCT Datasheet HTML 4Page - Texas Instruments UCD90124RGCT Datasheet HTML 5Page - Texas Instruments UCD90124RGCT Datasheet HTML 6Page - Texas Instruments UCD90124RGCT Datasheet HTML 7Page - Texas Instruments UCD90124RGCT Datasheet HTML 8Page - Texas Instruments UCD90124RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Vmarg
Closed Loop
Margining
UCD90124
VMON
GPIO
12V
GPIO
3.3V OUT
VMON
1.8V OUT
3.3V_UCD
0.8V OUT
I0.8V
TEMP0.8V
VMON
VMON
VMON
VMON
I12V
TEMP12V
VMON
VMON
INA196
12V
12V OUT
3.3V OUT
12V OUT
1.8V OUT
GPIO
GPIO
0.8V OUT
PWM
2MHz
INA196
I0.8V
WDI from main
processor
GPIO
WDO
GPIO
/MR
VMON
TEMP IC
TEMP0.8V
TEMP IC
TEMP12V
POWER_GOOD
GPIO
WARN_OC_0.8V_
OR_12V
GPIO
SYSTEM RESET
GPIO
OTHER
SEQUENCER DONE
(CASCADE INPUT)
GPIO
I2C/
PMBUS
JTAG
/EN
DC-DC 1
VOUT
VFB
VIN
/EN
LDO1
VOUT
VIN
/EN
DC-DC 2
VOUT
VFB
VIN
V
4- wire Fan
12 V
4-
DC Fan
PWM
GPIO
Fan Tach
25 kHz Fan PWM
12V
TACH
PWM
GND
5.1V
UCD90124
www.ti.com
SLVSA29A – NOVEMBER 2009 – REVISED DECEMBER 2009
12-Rail Sequencer and System Health Monitor With Fan Control
Check for Samples :UCD90124
1
FEATURES
DESCRIPTION
2
Monitor and Sequence 12 Voltage Rails
All Rails Sampled Every 400
μs
The UCD90124 is a 12-rail PMBus/I2C addressable
power-supply
sequencer
and
system-health
12-bit ADC With 2.5-V, 0.5% Internal VREF
monitor. The device integrates a 12-bit ADC for
Sequence Based on Time, Rail and Pin
monitoring up to 13 power-supply voltage, current, or
Dependencies
temperature inputs. Twenty-six GPIO pins can be
Four Programmable Undervoltage and
used for power supply enables, power-on reset
signals,
external
interrupts,
cascading,
or
other
Overvoltage Thresholds per Monitor
system functions. Twelve of these pins offer PWM
Fan Control and Monitoring
functionality. Using these pins, the UCD90124 offers
Supports Four Fans With Five User-Defined
support
for
fan
control,
margining,
and
Speed-vs-Temperature Setpoints
general-purpose PWM functions.
Supports Two-, Three-, and Four-Wire Fans
Fan-control
signals
can
be
sent
using
PMBus
Nonvolatile Error and Peak-Value Logging per
commands or generated from one of two built-in
Monitor (up to 12 Faults)
fan-control algorithms. PWM outputs combined with
temperature and fan-speed measurements provide a
Closed-Loop Margining for 10 Rails
complete
fan-control
solution
for
up
to
four
Margin Output Adjusts Rail Voltage to
independent fans.
Match User-Defined Margin Thresholds
The TI Fusion Digital Power™ designer software is
Programmable Watchdog Timer and System
provided for device configuration. This PC-based
Reset
graphical user interface (GUI) offers an intuitive
Flexible Digital I/O Configuration
interface for configuring, storing, and monitoring all
system operating parameters.
Multiphase PWM Clock Generator
Clock Frequencies From 15.259 kHz to 125
MHz
Capability to Configure Independent Clock
Outputs for Synchronizing Switch-Mode
Power Supplies
Internal Temperature Sensor
JTAG and I2C/SMBus/ PMBus™ Interfaces
APPLICATIONS
Industrial / ATE
Telecommunications and Networking
Equipment
Servers and Storage Systems
Embedded Computing
Any System Requiring Sequencing and
Monitoring of Multiple Power Rails
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PMBus, Fusion Digital Power are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD90124RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124RGCT TI-UCD90124RGCT Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
More results

Similar Description - UCD90124RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90910 TI1-UCD90910 Datasheet
1Mb / 51P
[Old version datasheet]   10-Rail Sequencer and System Health Monitor With 10-Fan Control
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
[Old version datasheet]   UCD90120 12-Channel Sequencer and System Health Monitor
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
logo
Analog Devices
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
   12-Bit Monitor and Control System with Multichannel
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
   12-Bit Monitor and Control System
logo
Texas Instruments
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com