Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM6G22-30G Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLM6G22-30G
Description  W-CDMA 2100 MHz to 2200 MHz power MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLM6G22-30G Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLM6G22-30G Datasheet HTML 4Page - NXP Semiconductors BLM6G22-30G Datasheet HTML 5Page - NXP Semiconductors BLM6G22-30G Datasheet HTML 6Page - NXP Semiconductors BLM6G22-30G Datasheet HTML 7Page - NXP Semiconductors BLM6G22-30G Datasheet HTML 8Page - NXP Semiconductors BLM6G22-30G Datasheet HTML 9Page - NXP Semiconductors BLM6G22-30G Datasheet HTML 10Page - NXP Semiconductors BLM6G22-30G Datasheet HTML 11Page - NXP Semiconductors BLM6G22-30G Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BLM6G22-30_BLM6G22-30G_3
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 03 — 21 November 2008
10 of 12
NXP Semiconductors
BLM6G22-30; BLM6G22-30G
W-CDMA 2100 MHz to 2200 MHz power MMIC
11. Handling information
11.1 ESD protection
11.2 Moisture sensitivity
12. Abbreviations
13. Revision history
Table 9.
ESD protection characteristics
Test condition
Class
Human Body Model (HBM)
1
Machine Model (MM)
1
Table 10.
Moisture sensitivity level
Test methodology
Class
JESD-22-A113
3
Table 11.
Abbreviations
Acronym
Description
3GPP
Third Generation Partnership Project
CCDF
Complementary Cumulative Distribution Function
CW
Continuous Wave
DPCH
Dedicated Physical CHannel
IS-95
Interim Standard 95
LDMOS
Laterally Diffused Metal-Oxide Semiconductor
MMIC
Monolithic Microwave Integrated Circuit
PA
Power Amplifier
PAR
Peak-to-Average power Ratio
PDPCH
transmission Power of the Dedicated Physical CHannel
RF
Radio Frequency
VSWR
Voltage Standing-Wave Ratio
W-CDMA
Wideband Code Division Multiple Access
Table 12.
Revision history
Document ID
Release date Data sheet status
Change
notice
Supersedes
BLM6G22-30_BLM6G22-30G_3 20081121
Preliminary data sheet -
BLM6G22-30_BLM6G22-30G_2
Modifications:
• Figure 5: updated
BLM6G22-30_BLM6G22-30G_2 20080904
Preliminary data sheet -
BLM6G22-30_BLM6G22-30G_1
BLM6G22-30_BLM6G22-30G_1 20080303
Objective data sheet
-
-


Similar Part No. - BLM6G22-30G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM6G22-30G NXP-BLM6G22-30G Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLM6G22-30G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM6G22-30 PHILIPS-BLM6G22-30_15 Datasheet
163Kb / 14P
   W-CDMA 2100 MHz to 2200 MHz power MMIC
Rev. 4-7 March 2011
BLM6G10-30 NXP-BLM6G10-30 Datasheet
88Kb / 11P
   W-CDMA 900 MHz - 1000 MHz power MMIC
Rev. 01-28 August 2009
logo
Tyco Electronics
MD54-0006 MACOM-MD54-0006 Datasheet
67Kb / 4P
   Low Cost MMIC Mixer 1400 MHz - 2100 MHz
MAMXSS0013 MACOM-MAMXSS0013 Datasheet
176Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
logo
M/A-COM Technology Solu...
MD54-0006 MA-COM-MD54-0006 Datasheet
132Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
logo
NXP Semiconductors
BLD6G22L-50 NXP-BLD6G22L-50 Datasheet
195Kb / 16P
   W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Rev. 02-18 March 2010
logo
Hittite Microwave Corpo...
HMC669LP3 HITTITE-HMC669LP3 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 1700 - 2200 MHz
logo
Analog Devices
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com