Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808G30DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G30DBVR
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G30DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS3808G30DBVR Datasheet HTML 1Page - Texas Instruments TPS3808G30DBVR Datasheet HTML 2Page - Texas Instruments TPS3808G30DBVR Datasheet HTML 3Page - Texas Instruments TPS3808G30DBVR Datasheet HTML 4Page - Texas Instruments TPS3808G30DBVR Datasheet HTML 5Page - Texas Instruments TPS3808G30DBVR Datasheet HTML 6Page - Texas Instruments TPS3808G30DBVR Datasheet HTML 7Page - Texas Instruments TPS3808G30DBVR Datasheet HTML 8Page - Texas Instruments TPS3808G30DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
RESET
GND
MR
6
5
4
V
DD
SENSE
C
T
1
2
3
DRVPACKAGE
2mmx2mmQFN
(TOPVIEW)
Power
PAD
DBVPACKAGE
SOT23
(TOPVIEW)
V
DD
SENSE
C
T
RESET
GND
MR
1
2
3
6
5
4
1.2V
3.3V
TPS3808G12
TPS3808G33
DSP
SENSE
V
DD
V
DD
SENSE
V
I/O
V
CORE
GPIO
GND
GND
GND
RESET
MR
C
T
C
T
RESET
TypicalApplicationCircuit
TPS3808
www.ti.com .......................................................................................................................................................... SBVS050J – MAY 2004 – REVISED AUGUST 2008
Low Quiescent Current, Programmable-Delay
Supervisory Circuit
23
• Power-On Reset Generator with Adjustable
The
TPS3808xxx
family
of
microprocessor
Delay Time: 1.25ms to 10s
supervisory circuits monitor system voltages from
0.4V to 5.0V, asserting an open-drain RESET signal
• Very Low Quiescent Current: 2.4µA typ
when the SENSE voltage drops below a preset
• High Threshold Accuracy: 0.5% typ
threshold or when the manual reset (MR) pin drops to
• Fixed Threshold Voltages for Standard Voltage
a logic low. The RESET output remains low for the
Rails from 0.9V to 5V and Adjustable Voltage
user-adjustable delay time after the SENSE voltage
Down to 0.4V Are Available
and manual reset (MR) return above the respective
thresholds.
• Manual Reset (MR) Input
The TPS3808 uses a precision reference to achieve
• Open-Drain RESET Output
0.5% threshold accuracy for VIT ≤ 3.3V. The reset
• Temperature Range: –40°C to +125°C
delay time can be set to 20ms by disconnecting the
• Small SOT23 and 2mm × 2mm QFN Packages
CT pin, 300ms by connecting the CT pin to VDD using
a resistor, or can be user-adjusted between 1.25ms
and 10s by connecting the CT pin to an external
capacitor. The TPS3808 has a very low typical
• DSP or Microcontroller Applications
quiescent current of 2.4
µA so it is well-suited to
• Notebook/Desktop Computers
battery-powered applications. It is available in a small
• PDAs/Hand-Held Products
SOT23 and an ultra-small 2mm × 2mm QFN
• Portable/Battery-Powered Products
PowerPAD™ package, and is fully specified over a
• FPGA/ASIC Applications
temperature range of –40°C to +125°C (TJ).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3808G30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G30DBVR TI-TPS3808G30DBVR Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G30DBVR TI-TPS3808G30DBVR Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G30DBVR TI-TPS3808G30DBVR Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G30DBVR TI-TPS3808G30DBVR Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G30DBVR TI-TPS3808G30DBVR Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com