Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP62 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP62
Description  PNP Darlington transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSP62 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP62 Datasheet HTML 1Page - NXP Semiconductors BSP62 Datasheet HTML 2Page - NXP Semiconductors BSP62 Datasheet HTML 3Page - NXP Semiconductors BSP62 Datasheet HTML 4Page - NXP Semiconductors BSP62 Datasheet HTML 5Page - NXP Semiconductors BSP62 Datasheet HTML 6Page - NXP Semiconductors BSP62 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2001 May 31
3
NXP Semiconductors
Product data sheet
PNP Darlington transistors
BSP60; BSP61; BSP62
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board, single sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see “Thermal considerations for the SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
98
K/W
Rth j-s
thermal resistance from junction to solder point
17
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICES
collector cut-off current
BSP60
VBE = 0; VCE = −45 V
−50
nA
BSP61
VBE = 0; VCE = −60 V
−50
nA
BSP62
VBE = 0; VCE = −80 V
−50
nA
IEBO
emitter cut-off current
IC = 0; VEB = −4 V
−50
nA
hFE
DC current gain
VCE = −10 V; note 1; see Fig.2
IC = −150 mA
1000
IC = −500 mA
2000
VCEsat
collector-emitter saturation
voltage
IC = −500 mA; IB = −0.5 mA
−1.3
V
IC = −500 mA; IB = −0.5 mA;
Tj = 150 °C
−1.3
V
VBEsat
base-emitter saturation voltage
IC = −500 mA; IB = −0.5 mA
−1.9
V
fT
transition frequency
IC = −500 mA; VCE = −5 V;
f = 100 MHz
200
MHz
Switching times (between 10% and 90% levels); see Fig.3
ton
turn-on time
ICon = −500 mA; IBon = −0.5 mA;
IBoff = 0.5 mA
400
ns
toff
turn-off time
1500
ns


Similar Part No. - BSP62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP62 PHILIPS-BSP62 Datasheet
62Kb / 8P
   PNP Darlington transistors
1999 Apr 29
logo
Siemens Semiconductor G...
BSP62 SIEMENS-BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSP62 INFINEON-BSP62 Datasheet
78Kb / 5P
   PNP Silicon Darlington Transistors
Nov-30-2001
BSP62 INFINEON-BSP62 Datasheet
103Kb / 7P
   PNP Silicon Darlington Transistor
2007-04-26
BSP62 INFINEON-BSP62 Datasheet
551Kb / 7P
   PNP Silicon Darlington Transistor
2011-10-04
More results

Similar Description - BSP62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV26 NXP-BCV26 Datasheet
122Kb / 7P
   PNP Darlington transistors
2004 Jan 13
logo
SEMTECH ELECTRONICS LTD...
MMBTA63W SEMTECH_ELEC-MMBTA63W Datasheet
203Kb / 1P
   PNP Darlington Transistors
logo
NXP Semiconductors
BCV26 PHILIPS-BCV26_15 Datasheet
122Kb / 7P
   PNP Darlington transistors
2004 Jan 13
logo
Nexperia B.V. All right...
BCV26 NEXPERIA-BCV26 Datasheet
318Kb / 8P
   PNP Darlington transistors
2004 Jan 13
BST60 NEXPERIA-BST60 Datasheet
329Kb / 9P
   PNP Darlington transistors
2004 Dec 09
logo
NXP Semiconductors
BCV28 PHILIPS-BCV28 Datasheet
42Kb / 8P
   PNP Darlington transistors
1999 Apr 08
BSS61 PHILIPS-BSS61 Datasheet
52Kb / 8P
   PNP Darlington transistors
1997 May 14
BST60 PHILIPS-BST60 Datasheet
46Kb / 8P
   PNP Darlington transistors
1999 Apr 27
logo
SEMTECH ELECTRONICS LTD...
BCV26 SEMTECH_ELEC-BCV26 Datasheet
130Kb / 2P
   PNP Darlington Transistors
logo
NXP Semiconductors
BCV28 PHILIPS-BCV28_15 Datasheet
126Kb / 8P
   PNP Darlington transistors
2004 Dec 06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com