Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRA245R01 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZRA245R01
Description  PRECISION 2.45 VOLT VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRA245R01 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZRA245R01 Datasheet HTML 1Page - Zetex Semiconductors ZRA245R01 Datasheet HTML 2Page - Zetex Semiconductors ZRA245R01 Datasheet HTML 3Page - Zetex Semiconductors ZRA245R01 Datasheet HTML 4Page - Zetex Semiconductors ZRA245R01 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part No
Tol%
Package
Partmark
ZRA245A03
3
E-Line
• ZRA24503
ZRA245A02
2
E-Line
• ZRA24502
ZRA245A01
1
E-Line
• ZRA24501
ZRA245F03
3
SOT23
24A
ZRA245F02
2
SOT23
24B
ZRA245F01
1
SOT23
24C
ZRA245N803
3
SO8
ZRA24503
ZRA245N802
2
SO8
ZRA24502
ZRA245N801
1
SO8
ZRA24501
Part No
Tol%
Package
Partmark
ZRA245R03
3
E-Line *
ZRA245R3
ZRA245R02
2
E-Line *
ZRA245R2
ZRA245R01
1
E-Line *
ZRA245R1
ZRA245Y03
3
E-Line †
ZRA24503
ZRA245Y02
2
E-Line †
ZRA24502
ZRA245Y01
1
E-Line †
ZRA24501
* E-Line 3 pin Reversed
† E-Line 2 pin
• E-Line 3 pin
ORDERING INFORMATION
ZRA245
4-231


Similar Part No. - ZRA245R01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA245R01 ZETEX-ZRA245R01 Datasheet
180Kb / 5P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
More results

Similar Description - ZRA245R01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR458 ZETEX-ZR458 Datasheet
52Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR404 ZETEX-ZR404 Datasheet
58Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR458 DIODES-ZR458 Datasheet
63Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR404 DIODES-ZR404 Datasheet
64Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA245 ZETEX-ZRA245_06 Datasheet
180Kb / 5P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com