Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSR62 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSR62
Description  PNP Darlington transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSR62 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSR62 Datasheet HTML 1Page - NXP Semiconductors BSR62 Datasheet HTML 2Page - NXP Semiconductors BSR62 Datasheet HTML 3Page - NXP Semiconductors BSR62 Datasheet HTML 4Page - NXP Semiconductors BSR62 Datasheet HTML 5Page - NXP Semiconductors BSR62 Datasheet HTML 6Page - NXP Semiconductors BSR62 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Nov 11
2
NXP Semiconductors
Product data sheet
PNP Darlington transistor
BSR62
FEATURES
• High current (max. 1 A)
• Low voltage (max. 80 V)
• Integrated diode and resistor.
APPLICATIONS
• Industrial applications such as:
– Print hammer
– Solenoid
– Relay and lamp driving.
DESCRIPTION
PNP Darlington transistor in a TO-92; SOT54 plastic
package. NPN complement: BSR52.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage
MAM306
1
2
3
1
2
3
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Transistor mounted on an FR4 printed-circuit board.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BSR62
SC-43A
plastic single-ended leaded (through hole) package; 3 leads
SOT54
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−90
V
VCES
collector-emitter voltage
VBE = 0 V
−80
V
VEBO
emitter-base voltage
open collector
−5
V
IC
collector current (DC)
−1
A
ICM
peak collector current
−2
A
IB
base current (DC)
−0.2
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
830
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
ambient temperature
−65
+150
°C


Similar Part No. - BSR62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
More results

Similar Description - BSR62

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
   PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
   PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
   PNP Darlington transistor
1999 Apr 13
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
   Darlington Transistor (PNP)
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
   PNP Darlington Transistor
logo
Nexperia B.V. All right...
PMBTA64 NEXPERIA-PMBTA64 Datasheet
283Kb / 7P
   PNP Darlington transistor
2004 Jan 22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com