Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRC330R03 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZRC330R03
Description  PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRC330R03 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZRC330R03 Datasheet HTML 1Page - Zetex Semiconductors ZRC330R03 Datasheet HTML 2Page - Zetex Semiconductors ZRC330R03 Datasheet HTML 3Page - Zetex Semiconductors ZRC330R03 Datasheet HTML 4Page - Zetex Semiconductors ZRC330R03 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SO8 Package Suffix – N8
Top View
SOT23 Package Suffix – F
Top View –
Pin 1 floating or connected to pin 2
E-Line, 3 pin,Rev Package Suffix – R
Bottom View –
Pin 3 floating or connected to pin 1
E-Line, 2 pin Package Suffix – Y
Bottom View
CONNECTION DIAGRAMS
Part No
Tol% Package
Partmark
ZRC330A03
3
E-Line •
ZRC33003
ZRC330A02
2
E-Line •
ZRC33002
ZRC330A01
1
E-Line •
ZRC33001
ZRC330F03
3
SOT23
33A
ZRC330F02
2
SOT23
33B
ZRC330F01
1
SOT23
33C
ZRC330N803 3
SO8
ZRC33003
ZRC330N802 2
SO8
ZRC33002
ZRC330N801 1
SO8
ZRC33001
Part No
Tol% Package
Partmark
ZRC330R03
3
E-Line *
ZRC330R3
ZRC330R02
2
E-Line *
ZRC330R2
ZRC330R01
1
E-Line *
ZRC330R1
ZRC330Y03
3
E-Line †
ZRC33003
ZRC330Y02
2
E-Line †
ZRC33002
ZRC330Y01
1
E-Line †
ZRC33001
* E-Line 3 pin Reversed
† E-Line 2 pin
• E-Line 3 pin
ORDERING INFORMATION
E-Line, 3 pin Package Suffix – A
Bottom View –
Pin 1 floating or connected to pin 3
ZRC330
ZRC330


Similar Part No. - ZRC330R03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC330 ZETEX-ZRC330 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC330A01 ZETEX-ZRC330A01 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330A02 ZETEX-ZRC330A02 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330A03 ZETEX-ZRC330A03 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results

Similar Description - ZRC330R03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC330 ZETEX-ZRC330_03 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 DIODES-ZRC400 Datasheet
105Kb / 6P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500 ZETEX-ZRC500 Datasheet
72Kb / 5P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400_03 Datasheet
60Kb / 5P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC400 ZETEX-ZRC400 Datasheet
71Kb / 5P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com