Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT138-600D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BT138-600D
Description  12 A four-quadrant triacs, sensitive gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT138-600D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BT138-600D Datasheet HTML 4Page - NXP Semiconductors BT138-600D Datasheet HTML 5Page - NXP Semiconductors BT138-600D Datasheet HTML 6Page - NXP Semiconductors BT138-600D Datasheet HTML 7Page - NXP Semiconductors BT138-600D Datasheet HTML 8Page - NXP Semiconductors BT138-600D Datasheet HTML 9Page - NXP Semiconductors BT138-600D Datasheet HTML 10Page - NXP Semiconductors BT138-600D Datasheet HTML 11Page - NXP Semiconductors BT138-600D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BT138_SER _D_E_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 March 2008
9 of 12
NXP Semiconductors
BT138 series D and E
12 A four-quadrant triacs, sensitive gate
8.
Package outline
Fig 12. Package outline SOT78 (TO-220AB)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78
SC-46
3-lead TO-220AB
D
D1
q
p
L
12
3
L1
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
SOT78
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Q
L2
UNIT
A1
b1
D1
e
p
mm
2.54
qQ
A
b
D
c
L2
max.
3.0
3.8
3.5
15.0
12.8
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
16.0
15.2
0.9
0.6
1.45
1.00
4.7
4.1
1.40
1.25
6.6
5.9
10.3
9.7
L1
E
L
05-03-22
05-10-25
mounting
base


Similar Part No. - BT138-600D

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BT138-600D KERSEMI-BT138-600D Datasheet
837Kb / 5P
   Glass passivated triacs in a plastic
logo
Inchange Semiconductor ...
BT138-600D ISC-BT138-600D Datasheet
225Kb / 1P
   isc Triacs
logo
WeEn Semiconductors
BT138-600D WEEN-BT138-600D Datasheet
452Kb / 13P
   4Q Triac
logo
HAOPIN MICROELECTRONICS...
BT138-600D HAOPIN-BT138-600D Datasheet
326Kb / 5P
   Sensitive Gate Triacs
More results

Similar Description - BT138-600D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138X NXP-BT138X Datasheet
93Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BT138Y NXP-BT138Y Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01-3 June 2008
BT236X NXP-BT236X Datasheet
87Kb / 12P
   6 A Four-quadrant triacs
Rev. 02-14 March 2006
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com