Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACASN1100J2200P1AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ACASN1100J2200P1AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACASN1100J2200P1AT Datasheet(HTML) 2 Page - Vishay Siliconix

  ACASN1100J2200P1AT Datasheet HTML 1Page - Vishay Siliconix ACASN1100J2200P1AT Datasheet HTML 2Page - Vishay Siliconix ACASN1100J2200P1AT Datasheet HTML 3Page - Vishay Siliconix ACASN1100J2200P1AT Datasheet HTML 4Page - Vishay Siliconix ACASN1100J2200P1AT Datasheet HTML 5Page - Vishay Siliconix ACASN1100J2200P1AT Datasheet HTML 6Page - Vishay Siliconix ACASN1100J2200P1AT Datasheet HTML 7Page - Vishay Siliconix ACASN1100J2200P1AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 28770
For technical questions, contact: thinfilmarray@vishay.com
www.vishay.com
Revision: 06-Nov-09
277
ACAS 0606 AT, ACAS 0612 AT - Precision
Precision Thin Film Chip Resistor Array
Superior Moisture Resistivity
Vishay Beyschlag
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support
of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not
exceeded. These resistors do not feature a limited lifetime when operated within the permissible limits.
Notes
(1) Figures are given for arrays with equal values, design type AE
(2) Equivalent to ± 0.05 %
(3) Equivalent to ± 0.125 %
(4) Equivalent to ± 0.25 %
SKETCHES
Marking on ACAS 0606 AT: For types with different resistor values pin 1 is marked.
MAXIMUM RESISTANCE CHANGE AT RATED POWER (1)
DESCRIPTION
ACAS 0606 AT
ACAS 0612 AT
Configuration, isolated
2 x 0603
4 x 0603
Operation mode
Standard
Power
Standard
Power
Rated power per element,
P70
0.1 W
0.125 W
0.1 W
0.125 W
Rated power per package,
P70
0.15 W
0.2 W
0.3 W
0.4 W
Film temperature
125 °C
155 °C
125 °C
155 °C
Max. resistance change at
P70
ΔR/R max., after:
1000 h
± 0.1 %
± 0.25 %
± 0.1 %
± 0.25 %
8000 h
± 0.25 %
± 0.5 %
± 0.25 %
± 0.5 %
Max. relative resistance change (relative drift) at
P70
ΔR/R max., after:
1000 h
0.1 % (2)
0.25 % (3)
0.1 % (2)
0.25 % (3)
8000 h
0.25 % (3)
0.5 % (4)
0.25 % (3)
0.5 % (4)
DESIGN
TYPE
ACAS 0606 AT
ACAS 0612 AT
AE
R1 = R2
R1 = R2 = R3 = R4
TP
R1 = R4 < R2 = R3
DF
R1 < R2
R
1
R
2
R
1
R
2
R
3
R
4
Pin 1
ACAS 0606 AT
ACAS 0612 AT
43
2
Pin 1
23
4
8
76
5


Similar Part No. - ACASN1100J2200P1AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASN1S0P1AT VISHAY-ACASN1S0P1AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACASN1S0P5AT VISHAY-ACASN1S0P5AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACASN1S1P1AT VISHAY-ACASN1S1P1AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACASN1S1P5AT VISHAY-ACASN1S1P5AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACASN1S2P1AT VISHAY-ACASN1S2P1AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
More results

Similar Description - ACASN1100J2200P1AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com