Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT151S-500R Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT151S-500R
Description  Thyristors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT151S-500R Datasheet(HTML) 1 Page - NXP Semiconductors

  BT151S-500R Datasheet HTML 1Page - NXP Semiconductors BT151S-500R Datasheet HTML 2Page - NXP Semiconductors BT151S-500R Datasheet HTML 3Page - NXP Semiconductors BT151S-500R Datasheet HTML 4Page - NXP Semiconductors BT151S-500R Datasheet HTML 5Page - NXP Semiconductors BT151S-500R Datasheet HTML 6Page - NXP Semiconductors BT151S-500R Datasheet HTML 7Page - NXP Semiconductors BT151S-500R Datasheet HTML 8Page - NXP Semiconductors BT151S-500R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Passivated thyristors in a SOT428 plastic package.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BT151S series L and R
Thyristors
Rev. 05 — 9 October 2006
Product data sheet
I High thermal cycling performance
I Surface-mounted package
I High bidirectional blocking voltage
capability
I Motor control
I Static switching
I Ignition circuits
I Protection circuits
I VDRM ≤ 500 V (BT151S-500L/R)
I ITSM ≤ 120 A (t = 10 ms)
I VRRM ≤ 500 V (BT151S-500L/R)
I IT(RMS) ≤ 12 A
I VDRM ≤ 650 V (BT151S-650L/R)
I IT(AV) ≤ 7.5 A
I VRRM ≤ 650 V (BT151S-650L/R)
I IGT ≤ 5 mA (BT151S series L)
I VDRM ≤ 800 V (BT151S-800R)
I IGT ≤ 15 mA (BT151S series R)
I VRRM ≤ 800 V (BT151S-800R)
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode (K)
SOT428 (DPAK)
2
anode (A)
3
gate (G)
mb
mounting base; connected to anode
3
2
mb
1
sym037
AK
G


Similar Part No. - BT151S-500R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151S-500R PHILIPS-BT151S-500R Datasheet
48Kb / 6P
   Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
BT151S-500R ISC-BT151S-500R Datasheet
151Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BT151S-500R WEEN-BT151S-500R Datasheet
274Kb / 12P
   SCR
More results

Similar Description - BT151S-500R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
   THYRISTORS
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
   Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
   Thyristors
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
   Thyristors
April 2004-Rev 1.000
logo
Inchange Semiconductor ...
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
   Thyristors
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
   Thyristors
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
   THYRISTORS
logo
New Jersey Semi-Conduct...
BT169D NJSEMI-BT169D Datasheet
80Kb / 1P
   Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
   THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com