Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRB500Y02 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZRB500Y02
Description  PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRB500Y02 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZRB500Y02 Datasheet HTML 1Page - Zetex Semiconductors ZRB500Y02 Datasheet HTML 2Page - Zetex Semiconductors ZRB500Y02 Datasheet HTML 3Page - Zetex Semiconductors ZRB500Y02 Datasheet HTML 4Page - Zetex Semiconductors ZRB500Y02 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DEVICE DESCRIPTION
The ZRB500 uses a bandgap circuit design to
achieve a precision micropower voltage
reference of 5.0 volts. The device is available in
small outline surface mount packages, ideal for
applications where space saving is important,
as well as packages for through hole
requirements.
The ZRB500 design provides a stable voltage
without an external capacitor and is stable with
capacitive
loads.
The
ZRB500
is
recommended for operation between 50
µA
and 15mA and so is ideally suited to low power
and battery powered applications.
Excellent performance is maintained to a
suggested absolute maximum of 25mA,
however the rugged design and 20 volt
processing allows the reference to withstand
transient effects and currents up to 200mA.
Superior switching capability allows the device
to reach stable operating conditions in only a
few microseconds.
FEATURES
Small outlineSOT23,SO8 andTO92 style
packages
Nostabilisingcapacitorrequired
Typical T
C 15ppm/ °C
Typical slope resistance0.33Ω
± 3%, 2%and1% tolerance
Industrial temperaturerange
Operatingcurrent 50µAto15mA
Transient response, stableinlessthan10µs
APPLICATIONS
Batterypoweredandportable equipment.
Meteringandmeasurementsystems.
Instrumentation.
Test equipment.
Data acquisitionsystems.
Precisionpowersupplies.
PRECISION 5.0 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 1 - OCTOBER 1995
ZRB500
V
R
G
nd
1 - 36
SCHEMATIC DIAGRAM


Similar Part No. - ZRB500Y02

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRB500Y02 ZETEX-ZRB500Y02 Datasheet
320Kb / 10P
   Precision 5V micropower voltage reference
ZRB500Y02STOA ZETEX-ZRB500Y02STOA Datasheet
320Kb / 10P
   Precision 5V micropower voltage reference
ZRB500Y02STOB ZETEX-ZRB500Y02STOB Datasheet
320Kb / 10P
   Precision 5V micropower voltage reference
ZRB500Y02STZ ZETEX-ZRB500Y02STZ Datasheet
320Kb / 10P
   Precision 5V micropower voltage reference
More results

Similar Description - ZRB500Y02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-5.0 DIODES-ZR4040-5.0 Datasheet
175Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER
logo
Zetex Semiconductors
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA125 ZETEX-ZRA125 Datasheet
169Kb / 5P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com