Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRC500R02 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZRC500R02
Description  PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRC500R02 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZRC500R02 Datasheet HTML 1Page - Zetex Semiconductors ZRC500R02 Datasheet HTML 2Page - Zetex Semiconductors ZRC500R02 Datasheet HTML 3Page - Zetex Semiconductors ZRC500R02 Datasheet HTML 4Page - Zetex Semiconductors ZRC500R02 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SO8
Package Suffix – N8
Top View
E-Line, 3 pin,Rev
Package Suffix – R
Bottom View –
Pin 3 floating or connected to pin 1
E-Line, 2 pin
Package Suffix – Y
Bottom View
CONNECTION DIAGRAMS
E-Line, 3 pin
Package Suffix – A
Bottom View –
Pin 1 floating or connected to pin 3
SOT23
Package Suffix – F
Top View –
Pin 1 floating or connected to pin 2
ZRC500
4-265


Similar Part No. - ZRC500R02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500F01TA DIODES-ZRC500F01TA Datasheet
141Kb / 9P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500F02TA DIODES-ZRC500F02TA Datasheet
141Kb / 9P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500F03TA DIODES-ZRC500F03TA Datasheet
141Kb / 9P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results

Similar Description - ZRC500R02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC330 ZETEX-ZRC330 Datasheet
121Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 DIODES-ZRC400 Datasheet
105Kb / 6P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330_03 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400_03 Datasheet
60Kb / 5P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC400 ZETEX-ZRC400 Datasheet
71Kb / 5P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com