Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSH560N8 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZSH560N8
Description  SUPPLY VOLTAGE MONITOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSH560N8 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZSH560N8 Datasheet HTML 1Page - Zetex Semiconductors ZSH560N8 Datasheet HTML 2Page - Zetex Semiconductors ZSH560N8 Datasheet HTML 3Page - Zetex Semiconductors ZSH560N8 Datasheet HTML 4Page - Zetex Semiconductors ZSH560N8 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUPPLY VOLTAGE
MONITOR
ISSUE 1 - MARCH 1998
ZSH560
DEVICE DESCRIPTION
The ZSH560 is a three terminal under voltage
monitor circuit for use in microprocessor
systems. The threshold voltage of the device
has been set to 4.6 volts making it ideal for
5 volt circuits.
Included in the device is a precise voltage
reference and a comparator with built in
hysteresis to prevent erratic operation. The
ZSH560 features an open collector output
capable of sourcing at least l0mA which only
requires a single external resistor to
interface to following circuits.
Operation of the device is guaranteed from
one volt upwards, from this level to the
device threshold voltage the output is held
high providing a power on reset function.
Should the supply voltage, once established,
at any time drop below the threshold level
then the output again will pull high.
The device is available in a TO92 package for
through hole applications as well as SO8 and
SOT223 for surface mount requirements.
FEATURES
SO8, SOT223 and TO92 packages
Power on reset generator
Automatic reset generation
Low standby current
Guaranteed operation from 1 volt
Wide supply voltage range
Internal clamp diode to discharge
delay capacitor
4.6 volt threshold for 5 volt logic
20mV hysteresis prevents erratic operation
APPLICATIONS
Microprocessor systems
Computers
Computer peripherals
Instrumentation
Automotive
Battery powered equipment
Vcc
Out
Gnd
SCHEMATIC DIAGRAM
4-334


Similar Part No. - ZSH560N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSH560 ZETEX-ZSH560 Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSH560 DIODES-ZSH560 Datasheet
95Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSH560C ZETEX-ZSH560C Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSH560C DIODES-ZSH560C Datasheet
95Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSH560G ZETEX-ZSH560G Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results

Similar Description - ZSH560N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSH560 ZETEX-ZSH560_03 Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330_06 Datasheet
415Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com