Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT0402MD4641ZE0P5PW00 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCT0402MD4641ZE0P5PW00
Description  Professional Thin Film Chip Resistor Superior Moisture Resistivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT0402MD4641ZE0P5PW00 Datasheet(HTML) 3 Page - Vishay Siliconix

  MCT0402MD4641ZE0P5PW00 Datasheet HTML 1Page - Vishay Siliconix MCT0402MD4641ZE0P5PW00 Datasheet HTML 2Page - Vishay Siliconix MCT0402MD4641ZE0P5PW00 Datasheet HTML 3Page - Vishay Siliconix MCT0402MD4641ZE0P5PW00 Datasheet HTML 4Page - Vishay Siliconix MCT0402MD4641ZE0P5PW00 Datasheet HTML 5Page - Vishay Siliconix MCT0402MD4641ZE0P5PW00 Datasheet HTML 6Page - Vishay Siliconix MCT0402MD4641ZE0P5PW00 Datasheet HTML 7Page - Vishay Siliconix MCT0402MD4641ZE0P5PW00 Datasheet HTML 8Page - Vishay Siliconix MCT0402MD4641ZE0P5PW00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28760
3
Revision: 07-Dec-09
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Vishay Beyschlag
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
Note
(1) Products can be ordered using either the PART NUMBER and PRODUCT DESCRIPTION
Note
(2) Resistance values to be selected for ± 1 % tolerance from E24 and E96; for ± 0.5 % tolerance from E24 and E192
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: MCT0603MD4641DPW00
MODEL/SIZE
VERSION
TCR
VALUE
TOLERANCE
PACKAGING
SPECIAL
MCS0402
MCT0603
MCU0805
MCA1206
M = AT
(Automotive)
D = ± 25 ppm/K
C = ± 50 ppm/K
Z = Jumper
3 digit value
1 digit
multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
0000 = Jumper
D = ± 0.5 %
F = ± 1 %
Z = Jumper
E0
P5
PW
Up to 2 digits
00 = Standard
PRODUCT DESCRIPTION: MCT 0603 - 25 0.5 % AT PW 4K64
MCT
0603
- 25
0.5 %
AT
PW
4K64
MODEL
SIZE
TCR
TOLERANCE
VALUE
VERSION
PACKAGING
RESISTANCE
VALUE
MCS
MCT
MCU
MCA
0402
0603
0805
1206
± 25 ppm/K
± 50 ppm/K
± 0.5 %
± 1 %
AT = Automotive
E0
P5
PW
47K = 47 k
Ω
0R0 = Jumper
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE (2)
TCR
TOLERANCE
MCS 0402 AT
MCT 0603 AT
MCU 0805 AT
MCA 1206 AT
± 50 ppm/K
± 1 %
47
Ω to 47 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
± 0.5 %
± 25 ppm/K
± 0.5 %
Jumper
-
≤ 20 mΩ; Imax. = 0.63 A
≤ 20 mΩ; Imax. = 1 A
≤ 20 mΩ; Imax. = 1.5 A
≤ 20 mΩ; Imax. = 2 A
PACKAGING
MODEL
REEL
PIECES/
PAPER TAPE ON REEL
CODE
MCS 0402 AT
10 000
E0
MCT 0603 AT
5000
P5
20 000
PW
MCU 0805 AT
5000
P5
20 000
PW
MCA 1206 AT
5000
P5
C
T
0
603
M
D
4
M
41
D
P
W
00
6


Similar Part No. - MCT0402MD4641ZE0P5PW00

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCT04N15 MCC-MCT04N15 Datasheet
534Kb / 4P
   N-Channel Power MOSFET
More results

Similar Description - MCT0402MD4641ZE0P5PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com