Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT0603MC4641DE0P5PW00 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MCT0603MC4641DE0P5PW00
Description  Professional Thin Film Chip Resistor Superior Moisture Resistivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT0603MC4641DE0P5PW00 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MCT0603MC4641DE0P5PW00 Datasheet HTML 3Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 4Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 5Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 6Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 7Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 8Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 9Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 10Page - Vishay Siliconix MCT0603MC4641DE0P5PW00 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
Vishay Beyschlag
Document Number: 28760
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 07-Dec-09
8
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification
EN 140400, sectional specification
EN 140401-801, detail specification
The components are approved in accordance with the
IECQ-CECC-system, where applicable. The following table
contains only the most important tests. For the full test
schedule refer to the documents listed above. The testing
also
covers most of the requirements specified by
EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower category temperature, upper
category temperature; damp heat, long term, 56 days) is
valid (LCT = - 55 °C/UCT = 155 °C).
Unless otherwise specified the following values apply:
Temperature: 15
°C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
The components are mounted for testing on boards in
accordance with EN 140400, 2.3.3 unless otherwise
specified.
The requirements stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-801. However, some
additional tests and a number of improvements against those
minimum requirements have been included.
Resistance Value
0.01
1 M
Ω
0.1
1
µV/V
R
3
100 k
Ω
10 k
Ω
1 k
Ω
10
Ω
MCS 0402 AT
MCT 0603 AT
MCU 0805 AT
MCA 1206 AT
100
Ω
Current noise
A1 in accordance with IEC 60195
Current Noise
0.1
0.3
1
GHz 20
0.5
1.0
1.5
2.0
f
310
MCT 0603 AT
MCU 0805 AT
Frequency
|
Z|/R for 49.9
Ω chip resistor
RF-Behaviour


Similar Part No. - MCT0603MC4641DE0P5PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT0603MD0BP100 VISHAY-MCT0603MD0BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCT0603MD0BP500 VISHAY-MCT0603MD0BP500 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCT0603MD0BPW00 VISHAY-MCT0603MD0BPW00 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCT0603MD1BP100 VISHAY-MCT0603MD1BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCT0603MD1BP500 VISHAY-MCT0603MD1BP500 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
More results

Similar Description - MCT0603MC4641DE0P5PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com