Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7L06-34ARC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7L06-34ARC
Description  N-channel TrenchPLUS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7L06-34ARC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7L06-34ARC Datasheet HTML 3Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 4Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 5Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 6Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 7Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 8Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 9Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 10Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BUK7L06-34ARC_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 17 February 2009
7 of 15
NXP Semiconductors
BUK7L06-34ARC
N-channel TrenchPLUS standard level FET
td(on)
turn-on delay time
VDS =30V; RL =1.2 Ω; VGS =10V;
RG(ext) =10 Ω; Tj =25 °C
-27
-
ns
tr
rise time
-
108
-
ns
td(off)
turn-off delay time
-
196
-
ns
tf
fall time
-
167
-
ns
LD
internal drain
inductance
from drain lead 6 mm from package to
center of die; Tj =25°C
-4.5
-
nH
from contact screw on mounting base to
center of die; Tj =25°C
-3.5
-
nH
LS
internal source
inductance
from source lead to source bond pad;
Tj =25°C
-7.5
-
nH
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 15
-
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs; VGS =0V;
VDS =30V; Tj =25°C
-62
-
ns
Qr
recovered charge
-
44
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - BUK7L06-34ARC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
logo
Nexperia B.V. All right...
BUK7L06-34ARC NEXPERIA-BUK7L06-34ARC Datasheet
342Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 17 February 2009
More results

Similar Description - BUK7L06-34ARC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com