Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRT100N8A1 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZRT100N8A1
Description  9.8V LOW POWER PRECISION REFERENCE SOURCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRT100N8A1 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZRT100N8A1 Datasheet HTML 1Page - Zetex Semiconductors ZRT100N8A1 Datasheet HTML 2Page - Zetex Semiconductors ZRT100N8A1 Datasheet HTML 3Page - Zetex Semiconductors ZRT100N8A1 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SO8
Package Suffix – N8
Top View
TO18
Package Suffix – None
Bottom View –
Case is internally connected to pin 3
SOT223
Package Suffix – G
Top View
Pin 4 floating or connected to pin 2
CONNECTION DIAGRAMS
Part No
Tol% Operating
Temp.(°C)
Package
Partmark
ZRT100C2
2
0 to 70
TO18
ZRT100C2
ZRT100C1
1
0 to 70
TO18
ZRT100C1
ZRT100A1
1
-55 to 125
TO18
ZRT100A1
ZRT100GC2
2
0 to 70
SOT223
ZRT100C2
ZRT100GC1
1
0 to 70
SOT223
ZRT100C1
ZRT100GA1
1
-55 to 125
SOT223
ZRT100A1
ZRT100N8C2
2
0 to 70
SO8
ZRT100C2
ZRT100N8C1
1
0 to 70
SO8
ZRT100C1
ZRT100N8A1
1
-55 to 125
SO8
ZRT100A1
ORDERING INFORMATION
ZRT100
4-298


Similar Part No. - ZRT100N8A1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT100 ZETEX-ZRT100 Datasheet
175Kb / 5P
   9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT100GA1 ZETEX-ZRT100GA1 Datasheet
175Kb / 5P
   9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT100GC1 ZETEX-ZRT100GC1 Datasheet
175Kb / 5P
   9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT100GC2 ZETEX-ZRT100GC2 Datasheet
175Kb / 5P
   9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100_03 Datasheet
175Kb / 5P
   9.8V LOW POWER PRECISION REFERENCE SOURCE
More results

Similar Description - ZRT100N8A1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT100 ZETEX-ZRT100_03 Datasheet
175Kb / 5P
   9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050_03 Datasheet
175Kb / 5P
   4.9V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT040 DIODES-ZRT040 Datasheet
176Kb / 5P
   4.01V LOW POWER PRECISION REFERENCE SOURCE
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
   5.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
   2.5V LOW POWER PRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040 Datasheet
165Kb / 4P
   4.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040_03 Datasheet
169Kb / 5P
   4.01V LOW POWER PRECISION REFERENCE SOURCE
ZRT062 ZETEX-ZRT062_03 Datasheet
174Kb / 5P
   6.2V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT050 DIODES-ZRT050 Datasheet
182Kb / 5P
   4.9V LOW POWER PRECISION REFERENCE SOURCE
logo
Zetex Semiconductors
ZRT062 ZETEX-ZRT062 Datasheet
166Kb / 4P
   6.2V LOW POWER PRECISION REFERENCE SOURCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com