Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y08-40B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK7Y08-40B
Description  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y08-40B Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK7Y08-40B Datasheet HTML 1Page - NXP Semiconductors BUK7Y08-40B Datasheet HTML 2Page - NXP Semiconductors BUK7Y08-40B Datasheet HTML 3Page - NXP Semiconductors BUK7Y08-40B Datasheet HTML 4Page - NXP Semiconductors BUK7Y08-40B Datasheet HTML 5Page - NXP Semiconductors BUK7Y08-40B Datasheet HTML 6Page - NXP Semiconductors BUK7Y08-40B Datasheet HTML 7Page - NXP Semiconductors BUK7Y08-40B Datasheet HTML 8Page - NXP Semiconductors BUK7Y08-40B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BUK7Y08-40B
N-channel TrenchMOS standard level FET
Rev. 03 — 7 April 2010
Product data sheet
1.
Product profile
1.1 General description
Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using NXP High-Performance Automotive (HPA) TrenchMOS technology. This
product has been designed and qualified to the appropriate AEC standard for use in
automotive critical applications.
1.2 Features and benefits
Q101 compliant
Suitable for standard level gate drive
sources
Suitable for thermally demanding
environments due to 175 °C rating
1.3 Applications
12 V loads
Automotive systems
General purpose power switching
Motors, lamps and solenoids
1.4 Quick reference data
[1]
Continuous current is limited by package.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source
voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
--40
V
ID
drain current
VGS =10V; Tmb =25°C;
see Figure 4; see Figure 1
[1]
--75
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
--105
W
Static characteristics
RDSon
drain-source
on-state
resistance
VGS =10V; ID =25A;
Tj =25°C; see Figure 12;
see Figure 13
-
68m
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
ID =75A; Vsup ≤ 40 V;
RGS =50 Ω; VGS =10V;
Tj(init) = 25 °C; unclamped
--146
mJ
Dynamic characteristics
QGD
gate-drain charge
ID =25A; VDS =32 V;
VGS = 10 V; see Figure 14
-14.7
-
nC


Similar Part No. - BUK7Y08-40B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7Y08-40B NEXPERIA-BUK7Y08-40B Datasheet
811Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03 - 7 April 2010
logo
NXP Semiconductors
BUK7Y08-40B PHILIPS-BUK7Y08-40B_15 Datasheet
210Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03-7 April 2010
More results

Similar Description - BUK7Y08-40B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com