Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNEPON125 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # FNEPON125
Description  3.3V CMOS Low-Jitter 125MHz EPON XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FNEPON125 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  FNEPON125 Datasheet HTML 1Page - Pericom Semiconductor Corporation FNEPON125 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All specifications are subject to change without notice.
FNEPON125 Rev C
04/09/10
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
10-0020
3.3V CMOS Low-Jitter 125MHz EPON XO
Application Specific Crystal Oscillator 7.0 x 5.0mm
FNEPON125
TM
Product Features
• Very low phase jitter - 0.5ps RMS
• Thicker crystal for improved reliability
• Low output current - 20mA max.
• Low power stand by mode
• Industrial Temperature Range
• Pb-free & RoHS compliant
Product Description
This is an enhanced high-frequency
3.3V, 125MHz crystal clock oscillator with
superb jitter and low operating current for
Ethernet Passive Optical Network (EPON)
applications.
The output clock signal, generated internally
with a patented oscillator design, is
compatible with LVCMOS logic levels.
Applications
• EPON Optical Network Unit (ONU)
• EPON Optical Line Termination (OLT)
• EPON Gateway
Package:
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
Recommended Land Pattern:
7.0 x 5.0mm Ceramic SMD
Part Ordering Information:
FNEPON125
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
ASSP XO™ for Networking
1


Similar Part No. - FNEPON125

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FNEPON125 DIODES-FNEPON125 Datasheet
411Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
Rev D 07/13/12
More results

Similar Description - FNEPON125

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FNEPON125 DIODES-FNEPON125 Datasheet
411Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
Rev D 07/13/12
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
   3.3V CMOS Low Jitter XO
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
   3.3V CMOS Low Jitter XO
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FK2500019 ETC2-FK2500019 Datasheet
238Kb / 3P
   3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FDQ-3.3V PERICOM-FDQ-3.3V Datasheet
986Kb / 2P
   3.3V CMOS Low Jitter XO
FK-3.3V PERICOM-FK-3.3V Datasheet
641Kb / 2P
   3.3V CMOS Low Jitter XO
FK0100002 PERICOM-FK0100002 Datasheet
238Kb / 3P
   3.3V CMOS Low Jitter XO
logo
List of Unclassifed Man...
FN5000110 ETC2-FN5000110 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com