Electronic Components Datasheet Search |
|
ZTX1053A Datasheet(PDF) 1 Page - Zetex Semiconductors |
|
ZTX1053A Datasheet(HTML) 1 Page - Zetex Semiconductors |
1 / 4 page Zetex plc. Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom. Telephone: (44)161-627 5105 (Sales), (44)161-627 4963 (General Enquiries) Facsimile: (44)161-627 5467 Zetex GmbH Zetex Inc. Zetex (Asia) Ltd. These are supported by Streitfeldstraße 19 87 Modular Avenue 3510 Metroplaza, Tower 2 agents and distributors in D-81673 München Commack NY11725 Hing Fong Road, Kwai Fong major countries world-wide Telefon: (49) 89 45 49 49 0 Telephone: (516) 543-7100 Telephone:(852) 26100 611 ©Zetex plc 1995 Fax: (49) 89 45 49 49 49 Fax: (516) 864-7630 Fax: (852) 24250 494 This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. Transient Thermal Resistance Pulse Width 0.1ms 20 60 100 140 180 1ms 10ms 100ms 10s 100s 1s 160 120 80 40 0 D=1(D.C) D=0.2 D=0.1 D=0.05 D=0.5 t1 tp D=t1 tp Single Pulse Derating curve T -Temperature (°C) -40 0.50 0.25 1.0 0.75 0 40 80 120 200 160 SPICE PARAMETERS *ZETEX ZTX1053A Spice model Last revision 19/01/95 * .MODEL ZTX1053A NPN IS=2.1E-12 NF=1.0 BF=600 IKF=2.2 VAF=100 + ISE=0.9E-13 NE=1.25 NR=0.99 BR=150 IKR=2.5 VAR=15 + ISC=5.0E-10 NC=1.76 RB=0.1 RE=0.028 RC=0.016 + CJC=75.1E-12 CJE=520E-12 MJC=0.415 MJE=0.367 + VJC=0.512 VJE=0.766 TF=550E-12 TR=22E-9 * © 1995 ZETEX PLC The copyright in this model and the design embodied belong to Zetex PLC (Zetex). It is supplied free of charge by Zetex for the purpose of research and design and may be used or copied intact (including this notice) for that purpose only. All other rights are reserved. The model is believed accurate but no condition or warranty as to its merchantability or fitness for purpose is given and no liability in respect of any use is accepted by Zetex PLC, its distributors or agents. NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR ISSUE 3 JANUARY 1995 FEATURES *VCEO=75V * 3 Amp Continuous Current * 10 Amp Pulse Current * Very Low Saturation Voltage APPLICATIONS * Automotive Switching Circuits * DC-DC Convertors ABSOLUTE MAXIMUM RATINGS. PARAMETER SYMBOL ZTX1053A UNIT Collector-Base Voltage VCBO 150 V Collector-Emitter Voltage VCEO 75 V Emitter-Base Voltage VEBO 5V Peak Pulse Current ICM 10 A Continuous Collector Current IC 3A Base Current IB 500 mA Power Dissipation at Tamb=25°C Ptot 1W Operating and Storage Temperature Range Tj:Tstg -55 to +200 °C ZTX1053A C B E E-Line TO92 Compatible ZTX1053A |
Similar Part No. - ZTX1053A |
|
Similar Description - ZTX1053A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |