Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80102IR33Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL80102IR33Z
Description  High Performance 2A and 3A Linear Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IR33Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL80102IR33Z Datasheet HTML 1Page - Intersil Corporation ISL80102IR33Z Datasheet HTML 2Page - Intersil Corporation ISL80102IR33Z Datasheet HTML 3Page - Intersil Corporation ISL80102IR33Z Datasheet HTML 4Page - Intersil Corporation ISL80102IR33Z Datasheet HTML 5Page - Intersil Corporation ISL80102IR33Z Datasheet HTML 6Page - Intersil Corporation ISL80102IR33Z Datasheet HTML 7Page - Intersil Corporation ISL80102IR33Z Datasheet HTML 8Page - Intersil Corporation ISL80102IR33Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL80102, ISL80103
2
FN6660.1
March 22, 2010
Block Diagram
10µA
10µA
R7
R8
R9
R5
M5
M4
EN
EN
EN
EN
EN
ENABLE
M7
500mV
485mV
500mV
M3
POWER PMOS
M1
VIN
VOUT
SENSE
R1
R4
R2
*R3
GND
PG
ADJ
LEVEL
SHIFT
M2
+
-
+
-
+
-
+
-
+
-
+
-
+
-
V TO I
SS
IL/10,000
IL
M6
M8
EN
*R3 is open for ADJ versions.
Ordering Information
PART NUMBER
(Notes 1, 2, 4)
PART
MARKING
VOUT VOLTAGE
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG
DWG. #
ISL80102IRAJZ
DZJA
ADJ
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80102IR15Z
DZMA
1.5V (Note 3)
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80102IR18Z
DZNA
1.8V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80102IR25Z
DZPA
2.5V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80102IR33Z
DZRA
3.3V (Note 3)
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80102IR50Z
DZSA
5.0V (Note 3)
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80103IRAJZ
DZAA
ADJ
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80103IR15Z
DZDA
1.5V (Note 3)
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80103IR18Z
DZEA
1.8V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80103IR25Z
DZFA
2.5V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80103IR33Z
DZGA
3.3V (Note 3)
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80103IR50Z
DZHA
5.0V (Note 3)
-40 to +125
10 Ld 3x3 DFN
L10.3x3
NOTES:
1. Add “-T” or “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. The 1.5V, 3.3V and 5V fixed output voltages will be released in the future. Please contact Intersil Marketing for more details.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL80102, ISL80103. For more information on
MSL please see tech brief TB363.
ISL80102, ISL80103


Similar Part No. - ISL80102IR33Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IR33Z INTERSIL-ISL80102IR33Z Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
More results

Similar Description - ISL80102IR33Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com