Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80102 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL80102
Description  High Performance 2A and 3A Linear Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL80102 Datasheet HTML 1Page - Intersil Corporation ISL80102 Datasheet HTML 2Page - Intersil Corporation ISL80102 Datasheet HTML 3Page - Intersil Corporation ISL80102 Datasheet HTML 4Page - Intersil Corporation ISL80102 Datasheet HTML 5Page - Intersil Corporation ISL80102 Datasheet HTML 6Page - Intersil Corporation ISL80102 Datasheet HTML 7Page - Intersil Corporation ISL80102 Datasheet HTML 8Page - Intersil Corporation ISL80102 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ISL80102, ISL80103
5
FN6660.1
March 22, 2010
Output Short Circuit Current
(3A Version)
ISC
VOUT = 0V, VOUT + 0.4V < VIN < 6V
5.0
A
Output Short Circuit Current
(2A Version)
VOUT = 0V, VOUT + 0.4V < VIN < 6V
2.8
A
Thermal Shutdown
Temperature
TSD
VOUT + 0.4V < VIN < 6V
160
°C
Thermal Shutdown
Hysteresis (Rising Threshold)
TSDn
VOUT + 0.4V < VIN < 6V
15
°C
AC CHARACTERISTICS
Input Supply Ripple
Rejection
PSRR
f = 1kHz, ILOAD = 1A; VIN = 2.2V
55
dB
f = 120Hz, ILOAD = 1A; VIN = 2.2V
62
Output Noise Voltage
ILOAD = 10mA, BW = 300Hz < f < 300kHz
100
µVRMS
ENABLE PIN CHARACTERISTICS
Turn-on Threshold
VEN(HIGH)
2.2V < VIN < 6V
0.3
0.8
0.95
V
Hysteresis (Rising Threshold)
VEN(HYS)
2.2V < VIN < 6V
135
mV
Enable Pin Turn-on Delay
tEN
COUT = 10µF, ILOAD = 1A
150
µs
Enable Pin Leakage Current
VIN = 6V, EN = 3V
1
µA
SOFT-START CHARACTERISTICS
Reset Pull-Down resistance
RPD
323
Ω
Soft Start Charge Current
ICHG
-7
-4.5
-2
µA
PG PIN CHARACTERISTICS
VOUT PG Flag Threshold
75
84
92
%VOUT
VOUT PG Flag Hysteresis
4%
PG Flag Low Voltage
ISINK = 500µA
47
100
mV
PG Flag Leakage Current
VIN = 6V, PG = 6V
0.05
1
µA
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
9. Dropout is defined by the difference in supply VIN and VOUT when the supply produces a 2% drop in VOUT from its nominal
value.
10. Electromigration specification defined as lifetime average junction temperature of +110°C where max rated DC current =
lifetime average current.
11. Minimum cap of 10µF X5R/X7R on VIN and VOUT required for stability.
12. If the current limit for in-rush current is acceptable in application, do not use this feature. Used only when large bulk capacitance
required on VOUT for application.
Electrical Specifications Unless otherwise noted, all parameters are established over the following specified
conditions: VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, ILOAD = 0A
Applications must follow thermal guidelines of the package to determine worst case junction
temperature. Please refer to “Functional Description” on page 12 and Tech Brief TB379.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
Pulse load techniques used by ATE to ensure TJ = TA defines established limits.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8) TYP
MAX
(Note 8) UNITS
ISL80102, ISL80103


Similar Part No. - ISL80102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
ISL80102 INTERSIL-ISL80102 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL80102 INTERSIL-ISL80102 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com