Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y22-30B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK9Y22-30B
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y22-30B Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9Y22-30B Datasheet HTML 1Page - NXP Semiconductors BUK9Y22-30B Datasheet HTML 2Page - NXP Semiconductors BUK9Y22-30B Datasheet HTML 3Page - NXP Semiconductors BUK9Y22-30B Datasheet HTML 4Page - NXP Semiconductors BUK9Y22-30B Datasheet HTML 5Page - NXP Semiconductors BUK9Y22-30B Datasheet HTML 6Page - NXP Semiconductors BUK9Y22-30B Datasheet HTML 7Page - NXP Semiconductors BUK9Y22-30B Datasheet HTML 8Page - NXP Semiconductors BUK9Y22-30B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BUK9Y22-30B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 7 April 2010
2 of 14
NXP Semiconductors
BUK9Y22-30B
N-channel TrenchMOS logic level FET
2.
Pinning information
3.
Ordering information
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
ID =37.7 A; Vsup ≤ 30 V;
RGS =50 Ω; VGS =5V;
Tj(init) = 25 °C; unclamped
--47
mJ
Dynamic characteristics
QGD
gate-drain charge
VGS =5V; ID =20A;
VDS =24 V; see Figure 14
-4.5
-nC
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT669 (LFPAK)
2S
source
3S
source
4
G
gate
mb
D
mounting base; connected to
drain
mb
1234
S1 S2 S3
D
G
mbl798
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK9Y22-30B
LFPAK
plastic single-ended surface-mounted package (LFPAK); 4 leads SOT669


Similar Part No. - BUK9Y22-30B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y22-30B PHILIPS-BUK9Y22-30B Datasheet
199Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04-7 April 2010
logo
Nexperia B.V. All right...
BUK9Y22-30B NEXPERIA-BUK9Y22-30B Datasheet
815Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04 - 7 April 2010
logo
NXP Semiconductors
BUK9Y22-30B PHILIPS-BUK9Y22-30B_15 Datasheet
199Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04-7 April 2010
More results

Similar Description - BUK9Y22-30B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com