Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14136-SZ6B-200-0HC Datasheet(PDF) 4 Page - 3M Electronics

Part # 14136-SZ6B-200-0HC
Description  3M Mini D Ribbon (MDR) Cable Assembly
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

14136-SZ6B-200-0HC Datasheet(HTML) 4 Page - 3M Electronics

  14136-SZ6B-200-0HC Datasheet HTML 1Page - 3M Electronics 14136-SZ6B-200-0HC Datasheet HTML 2Page - 3M Electronics 14136-SZ6B-200-0HC Datasheet HTML 3Page - 3M Electronics 14136-SZ6B-200-0HC Datasheet HTML 4Page - 3M Electronics 14136-SZ6B-200-0HC Datasheet HTML 5Page - 3M Electronics 14136-SZ6B-200-0HC Datasheet HTML 6Page - 3M Electronics 14136-SZ6B-200-0HC Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Cable Assembly
.050
″ High Speed Video Data Transmission System, 36 Position
14X36-SZ6B-XXX-0HC
MDR 36 Position Pinout (F36-02)
P1
P2
Pair
Signal
Position
Position
Signal
Pair
Pair
Signal
Position
Position
Signal
Pair
1
A0-
1
13
USB Pwr
W6
1
A0-
1
13
USB Pwr
W6
1
A0+
19
31
Shld Gnd Drain
1
A0+
19
31
Shld Gnd
Drain
2
A1-
2
14
A4-
6
2
A1-
2
14
A4-
6
2
A1+
20
32
A4+
6
2
A1+
20
32
A4+
6
3
A2-
3
15
A5-
7
3
A2-
3
15
A5-
7
3
A2+
21
33
A5+
7
3
A2+
21
33
A5+
7
4
CLK1-
4
16
A6-
8
4
CLK1-
4
16
A6-
8
4
CLK1+
22
34
A6+
8
4
CLK1+
22
34
A6+
8
5
A3-
5
17
A7-
9
5
A3-
5
17
A7-
9
5
A3+
23
35
A7+
9
5
A3+
23
35
A7+
9
Drain
Shld Gnd
6
18
CLK2-
10
Drain
Shld Gnd
6
18
CLK2-
10
N/C
24
36
CLK2+
10
N/C
24
36
CLK2+
10
N/C7
N/C7
N/C
25
N/C
25
N/C8
N/C8
N/C
26
N/C
26
N/C9
N/C9
W1
DDC Gnd
27
W1
DDC Gnd
27
W2
DDC/SCL
10
W2
DDC/SCL
10
W3
DDC/SDA
28
W3
DDC/SDA
28
W4
DDC Pwr
11
W4
DDC Pwr
11
W5
USB Gnd
29
W5
USB Gnd
29
SP1
USB+
12
SP1
USB+
12
SP1
USB-
30
SP2
USB-
30
Notes:
1.
All pairs are individually shielded with aluminum foil.
2.
Pair shields are wrapped Aluminum out and in contact with six internal drains (logic ground).
3.
Outer braid and foil (chassis ground) is isolated from inner drains (logic ground).
TS-2102-B
Sheet 4 of 4


Similar Part No. - 14136-SZ6B-200-0HC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413612 PHOENIX-1413612 Datasheet
291Kb / 9P
   VS-PPC/PL-PPC/PL-94C-LI/10,0 - Network cable
logo
Adels-Contact
14136203 ADELS-14136203 Datasheet
116Kb / 1P
   AC 162 ALC 035 black
30/12/2019
14136212 ADELS-14136212 Datasheet
116Kb / 1P
   AC 162 ALC 120 black
30/12/2019
logo
PHOENIX CONTACT
1413677 PHOENIX-1413677 Datasheet
51Kb / 2P
   SAC-5P-MR/ 0,85-PUR/FS SCO
12/05/2018
More results

Similar Description - 14136-SZ6B-200-0HC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-03C 3M-14B26-SZ3B-050-03C Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-03C 3M-14H26-SZ3M-050-03C Datasheet
339Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-04C 3M-14B26-SZ3B-050-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com