Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14H26-SZ3S-250-03C Datasheet(PDF) 5 Page - 3M Electronics

Part # 14H26-SZ3S-250-03C
Description  3M Mini D Ribbon (MDR) Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

14H26-SZ3S-250-03C Datasheet(HTML) 5 Page - 3M Electronics

  14H26-SZ3S-250-03C Datasheet HTML 1Page - 3M Electronics 14H26-SZ3S-250-03C Datasheet HTML 2Page - 3M Electronics 14H26-SZ3S-250-03C Datasheet HTML 3Page - 3M Electronics 14H26-SZ3S-250-03C Datasheet HTML 4Page - 3M Electronics 14H26-SZ3S-250-03C Datasheet HTML 5Page - 3M Electronics 14H26-SZ3S-250-03C Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Appendix E5: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment, as
amended by EU Commission Decision 2005/618/EC.
This product contains lead in excess of the maximum concentration value allowed but is compliant by exemption under
Item 6 of the Annex to the Directive.
“RoHS Compliant 2005/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of
the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless
the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information
represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
CHINA
Appendix C1: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for
Certain Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means
that the product or part does not contain any of the following substances in excess of the following maximum concentration
values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls
or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this
information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information Appendix, then 3M’s entire liability and
Buyer’s exclusive remedy will be in accordance with the Warranty stated below.
Appendix C2: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for
Certain Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that
the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration
values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls
or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this
information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
The numerical reference in the symbol above should not be construed as a representation regarding the product’s life or an
extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with
3M’s Regulatory Information Appendix, then 3M’s entire liability and Buyer’s exclusive remedy will be in accordance with the
product Warranty stated below.
RIA-2217B-D


Similar Part No. - 14H26-SZ3S-250-03C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3S-250-04C 3M-14H26-SZ3S-250-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3S-250-0LC 3M-14H26-SZ3S-250-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 14H26-SZ3S-250-03C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-03C 3M-14B26-SZ3B-050-03C Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-04C 3M-14B26-SZ3B-050-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14T36-SZ6B-100-0HC 3M-14T36-SZ6B-100-0HC Datasheet
351Kb / 7P
   3M Mini D Ribbon (MDR) Cable Assembly
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com