Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22317 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL22317
Description  Precision Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL22317_10 Datasheet HTML 4Page - Intersil Corporation ISL22317_10 Datasheet HTML 5Page - Intersil Corporation ISL22317_10 Datasheet HTML 6Page - Intersil Corporation ISL22317_10 Datasheet HTML 7Page - Intersil Corporation ISL22317_10 Datasheet HTML 8Page - Intersil Corporation ISL22317_10 Datasheet HTML 9Page - Intersil Corporation ISL22317_10 Datasheet HTML 10Page - Intersil Corporation ISL22317_10 Datasheet HTML 11Page - Intersil Corporation ISL22317_10 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6912.1
April 15, 2010
FIGURE 5. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
100k
Ω (T)
FIGURE 6. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 7. RTOTAL ERROR vs TEMPERATURE FOR 100kΩ (T)
FIGURE 8. RTOTAL ERROR vs TEMPERATURE FOR 10kΩ (W)
FIGURE 9. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 100k
Ω (T)
FIGURE 10. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
Typical Performance Curves (Continued)
-2
-1
0
1
2
0
20
406080
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
-1
0
1
2
3
0
20406080
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
-0.4
0.0
0.4
0.8
1.2
1.6
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
VCC = 2.7V
VCC = 5.5V
-1.0
-0.5
0.0
0.5
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
VCC = 2.7V
VCC = 5.5V
-0.30
-0.15
0
0.15
0.30
0
20
40
60
80
100
120
TAP POSITION (DECIMAL)
VCC = 2.7V
VCC = 5.5V
T = +25°C
-0.30
-0.15
0
0.15
0.30
0
20
406080
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
ISL22317


Similar Part No. - ISL22317_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
logo
Renesas Technology Corp
ISL22317TFRTZ RENESAS-ISL22317TFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22317UFRTZ INTERSIL-ISL22317UFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317UFRTZ INTERSIL-ISL22317UFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
More results

Similar Description - ISL22317_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com