Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21080 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL21080
Description  300nA NanoPower Voltage References
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL21080_10 Datasheet HTML 7Page - Intersil Corporation ISL21080_10 Datasheet HTML 8Page - Intersil Corporation ISL21080_10 Datasheet HTML 9Page - Intersil Corporation ISL21080_10 Datasheet HTML 10Page - Intersil Corporation ISL21080_10 Datasheet HTML 11Page - Intersil Corporation ISL21080_10 Datasheet HTML 12Page - Intersil Corporation ISL21080_10 Datasheet HTML 13Page - Intersil Corporation ISL21080_10 Datasheet HTML 14Page - Intersil Corporation ISL21080_10 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN6934.4
May 25, 2010
FIGURE 16. LINE REGULATION, 3 UNITS
FIGURE 17. LINE REGULATION OVER-TEMPERATURE
FIGURE 18. VOUT vs TEMPERATURE NORMALIZED to
+25°C
FIGURE 19. LINE TRANSIENT RESPONSE, WITH
CAPACITIVE LOAD
FIGURE 20. LINE TRANSIENT RESPONSE
FIGURE 21. LOAD REGULATION OVER-TEMPERATURE
Typical Performance Characteristics Curves V
OUT = 1.5V, VIN = 3.0V, IOUT = 0mA,
TA = +25°C unless otherwise specified.
1.49980
1.49985
1.49990
1.49995
1.50005
1.50010
1.50015
1.50020
1.50000
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
UNIT 2
UNIT 3
UNIT 1
VIN (V)
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
+85°C
+25°C
-40°C
VIN (V)
1.4995
1.4996
1.4997
1.4998
1.4999
1.5000
1.5001
1.5002
1.5003
1.5004
1.5005
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
VIN(V)
UNIT 1
UNIT 3
UNIT 2
CL = 500pF
ΔV
IN = -0.3V
ΔV
IN = 0.3V
1ms/DIV
ΔV
IN = 0.3V
ΔV
IN = -0.3V
C
L = 0pF
1ms/DIV
-500
-300
-100
100
300
500
700
900
-7 -6 -5 -4 -3 -2 -1
SINKING
OUTPUT CURRENT
SOURCING
01 2345 67
+85°C
-40°C
+25°C
0
ISL21080


Similar Part No. - ISL21080_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21080CIH312Z-TK INTERSIL-ISL21080CIH312Z-TK Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080CIH315Z-T7A RENESAS-ISL21080CIH315Z-T7A Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080CIH315Z-TK INTERSIL-ISL21080CIH315Z-TK Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
ISL21080CIH315Z-TK INTERSIL-ISL21080CIH315Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH315Z-TK INTERSIL-ISL21080CIH315Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
More results

Similar Description - ISL21080_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com