Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10150-7212PC Datasheet(PDF) 1 Page - 3M Electronics

Part # 10150-7212PC
Description  3M Mini D Ribbon (MDR) Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10150-7212PC Datasheet(HTML) 1 Page - 3M Electronics

  10150-7212PC Datasheet HTML 1Page - 3M Electronics 10150-7212PC Datasheet HTML 2Page - 3M Electronics 10150-7212PC Datasheet HTML 3Page - 3M Electronics 10150-7212PC Datasheet HTML 4Page - 3M Electronics 10150-7212PC Datasheet HTML 5Page - 3M Electronics 10150-7212PC Datasheet HTML 6Page - 3M Electronics 10150-7212PC Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
.050
″ Boardmount Through-Hole Right Angle Plug - Shielded
101 Series
Physical
Electrical
Environmental
Insulation Material: Glass Reinforced Polyester Body
Flammability: UL 94V-0
Color: Black
Contact Material: Copper Alloy
Plating
Underplating: 80
μ″ [ 2.0 μm ] Min. Nickel
Wiping Area: 30
μ″ [ 0.76 μm ] Min. Gold
Solder Tail Plating:
Gold flash over Nickel (RIA E1 & C1 apply)
Body Material: Zinc Alloy
Plating Nickel
Ground Lock
Material: Copper Alloy
Plating: Tin in combination with Gold flash plated tail
Marking:
3M Logo and Part Number
Current Rating:
1 A
Insulation Resistance: > 5
× 108Ω at 500 V
DC
Withstanding Voltage: 500 VRMS for 1 Minute
Temperature Rating:
-20
°C to +85°C
Process Rating:
Solder Dip Test - 260°C for 10 secs., two times after 100°C max. preheat,
60 sec. max. duration
TS-0620-B
Sheet 1 of 4
• Wiper-on-wiper contact for reliable
repetitive plugging
• Rugged die cast metal case construction
• Screw or ground lock PCB retention
• Normal and reverse “D” interface options for
board to board flexibility
• IEEE 1284C Interface as a 36 contact connector
• Contacts: 20, 26, 36 and 50
• See Regulatory Information Appendix (RIA)
for chemical compliance information
Date Modified: November 26, 2007
UL File No.: E68080


Similar Part No. - 10150-7212PC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10150-7212VC 3M-10150-7212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - 10150-7212PC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com