Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10HSI-S008-R0-C Datasheet(PDF) 9 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 9 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 5Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 6Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 7Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 8Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 9Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 10Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 11Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 12Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 9
Figure 10 Power Sum of FEXT for pair 8 of connector only
Figure 11 ICR profile of FEXT for pair 8 of connector only
The ICR profile for NEXT is not as critical since the TX and RX wafers can be grouped
separately. The ICR profile for FEXT satisfies the IEEE 802.3ap spec up to 20GHz. For further ICR
improvement, some pins can be “skipped”. In this document, we will analyze the IT3 with 60% and
50% pin density assignment. For non-fully-populated pin assignments, the skipped pins are
terminated each to 50Ω to avoid resonance.


Similar Part No. - 10HSI-S008-R0-C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
10HS SEMTECH-10HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
10HS SEMTECH_ELEC-10HS Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
Cooper Bussmann, Inc.
10HS07 COOPER-10HS07 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Semtech Corporation
10HSA SEMTECH-10HSA Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
10HSA SEMTECH_ELEC-10HSA Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - 10HSI-S008-R0-C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
09HSI-S043-R0-CHT HIROSE-09HSI-S043-R0-CHT Datasheet
2Mb / 71P
   IT3 Mezzanine Connector (25mm)
09HSI-S042-R0-CHT HIROSE-09HSI-S042-R0-CHT Datasheet
2Mb / 71P
   IT3 Mezzanine Connector (17mm)
TR0636E-10026 HIROSE-TR0636E-10026 Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_1 Datasheet
120Kb / 4P
[Old version datasheet]   32mm Glass Transponder
logo
Tyco Electronics
2102061-9 MACOM-2102061-9 Datasheet
1Mb / 4P
   High Reliability Mezzanine Connector
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B Datasheet
170Kb / 1P
[Old version datasheet]   32mm Glass Transponder
logo
Hirose Electric
TR0636E-20009 HIROSE-TR0636E-20009 Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
TR636E-10163 HIROSE-TR636E-10163 Datasheet
542Kb / 23P
   QUALITY EVALUATION TEST REPORT IT3-15H
TR636E-10164 HIROSE-TR636E-10164 Datasheet
558Kb / 23P
   QUALITY EVALUATION TEST REPORT IT3-25H
logo
Texas Instruments
ECO-LINE TI-ECO-LINE Datasheet
146Kb / 1P
[Old version datasheet]   Low Frequency 32mm Glass Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com