Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT3M-300S-BGA Datasheet(PDF) 3 Page - Hirose Electric

Part # IT3M-300S-BGA
Description  IT3 Test Vehicle Assembly Yield Test
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3M-300S-BGA Datasheet(HTML) 3 Page - Hirose Electric

  IT3M-300S-BGA Datasheet HTML 1Page - Hirose Electric IT3M-300S-BGA Datasheet HTML 2Page - Hirose Electric IT3M-300S-BGA Datasheet HTML 3Page - Hirose Electric IT3M-300S-BGA Datasheet HTML 4Page - Hirose Electric IT3M-300S-BGA Datasheet HTML 5Page - Hirose Electric IT3M-300S-BGA Datasheet HTML 6Page - Hirose Electric IT3M-300S-BGA Datasheet HTML 7Page - Hirose Electric IT3M-300S-BGA Datasheet HTML 8Page - Hirose Electric IT3M-300S-BGA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IT3 Test Vehicle Assembly Yield Test
TR0636E-20009
3 TEST VEHICLES
3.1 Connector Type
Mezzanine connector : Hirose IT3 series
Receptacle
IT3M-300S-BGA(57)
…Mounting side
300 signal pins (Total 570 joints including ground pins)
IT3D-300S-BGA(57)
…Mating side
300 signal pins (Total 570 joints including ground pins)
IT3M-200S-BGA(57)
…Mounting side
200 signal pins (Total 380 joints including ground pins)
IT3D-200S-BGA(57)
…Mating side
200 signal pins (Total 380 joints including ground pins)
Receptacle mating side
Receptacle mounting side
- 3 -


Similar Part No. - IT3M-300S-BGA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
167Kb / 6P
   IT3D(M)-300S-BGA (37) Lead-Free
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
1Mb / 16P
   IT3D(M)-300S-BGA (57) Cross Sectioning TEST REPORT
IT3M-300S-BGA37 HIROSE-IT3M-300S-BGA37 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
IT3M-300S-BGA57 HIROSE-IT3M-300S-BGA57 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
More results

Similar Description - IT3M-300S-BGA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR0636E-10026 HIROSE-TR0636E-10026 Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
TR636E-10164 HIROSE-TR636E-10164 Datasheet
558Kb / 23P
   QUALITY EVALUATION TEST REPORT IT3-25H
TR636E-10163 HIROSE-TR636E-10163 Datasheet
542Kb / 23P
   QUALITY EVALUATION TEST REPORT IT3-15H
logo
Tyco Electronics
582118 MACOM-582118 Datasheet
122Kb / 1P
   ASSEMBLY, TEST PROBE
logo
Molex Electronics Ltd.
0638121100 MOLEX11-0638121100 Datasheet
30Kb / 1P
   Continuity Test Pen Assembly
logo
Glenair, Inc.
257-012 GLENAIR-257-012 Datasheet
64Kb / 1P
   Test Connector Receptacle Assembly
logo
Schurter Inc.
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
   TEST JACKS, TEST PROBES
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
   TEST JACKS, TEST PROBES
logo
Glenair, Inc.
FA03216 GLENAIR-FA03216 Datasheet
103Kb / 1P
   Fiber Optic LC Test Cable Assembly
logo
Schurter Inc.
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
   TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com