Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE101 Datasheet(PDF) 1 Page - Cirrus Logic

Part # VRE101
Description  Precision Voltage Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE101 Datasheet(HTML) 1 Page - Cirrus Logic

  VRE101 Datasheet HTML 1Page - Cirrus Logic VRE101 Datasheet HTML 2Page - Cirrus Logic VRE101 Datasheet HTML 3Page - Cirrus Logic VRE101 Datasheet HTML 4Page - Cirrus Logic VRE101 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VRE100
VRE100DS
1
P r o d u c t I n n o v a t i o n F r o m
VRE100, VRE101, VRE102
DESCRIPTION
VRE100 Series Precision Voltage References provide
ultrastable +10 V (VRE100), -10 V (VRE101) and ±10
V (VRE102) outputs with ±1.0 mV initial accuracy and
temperature coefficient as low as 1.0 ppm/°C over the
full military temperature range. This improvement in
accuracy is made possible by a unique, proprietary
multipoint laser compensation technique.
Significant improvements have been made in other
performance parameters as well, including initial ac-
curacy, warm-up drift, line regulation, and long-term
stability, making the VRE100 series the most accurate
and stable 10 V reference available.
VRE100/101/102 devices are available in two oper-
ating temperature ranges, -25°C to +85°C and -55°C
to +125°C, and two performance grades. All devices
are packaged in 14-pin hermetic ceramic packages
for maximum long-term stability. “M” versions are
screened for high reliability and quality.
Superior stability, accuracy, and quality make these
references ideal for precision applications such as A/D
and D/A converters, high-accuracy test and measure-
ment instrumentation, and transducer excitation.
FEATURES
♦ Very High Accuracy: ±10 V Output, ±1.0 mV
♦ Extremely Low Drift: 1.0 ppm/ºC (-55ºC to
+125ºC)
♦ Low Warm-up Drift: 1.0 ppm Typical
♦ Excellent Stability: 6 ppm/1000 Hrs. Typical
♦ Excellent Line Regulation: 3 ppm/V Typical
♦ Hermetic 14-pin Ceramic DIP
♦ Military Processing Option
APPLICATIONS
♦ Precision A/D and D/A Converters
♦ Transducer Excitation
♦ Accurate Comparator Threshold Reference
♦ High Resolution Servo Systems
♦ Digital Voltmeters
♦ High Precision Test and Measurement Instru-
ments
Precision Voltage Reference
VRE100/101/102
P r o d u c t I n n o v a t i o n F r o m
VRE100
VRE102
Figure 1. BLOCK DIAGRAMS
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
www.cirrus.com
NOV 2009
APEX − VRE100DSREVG


Similar Part No. - VRE101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE101 ETC-VRE101 Datasheet
341Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE101 CIRRUS-VRE101 Datasheet
638Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE101C ETC-VRE101C Datasheet
341Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE101C CIRRUS-VRE101C Datasheet
638Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE101CA ETC-VRE101CA Datasheet
341Kb / 5P
   Precision Reference Supplies
More results

Similar Description - VRE101

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com