Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9107-40ATC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK9107-40ATC
Description  N-channel TrenchPLUS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9107-40ATC Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK9107-40ATC Datasheet HTML 1Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 2Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 3Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 4Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 5Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 6Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 7Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 8Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BUK9107-40ATC_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 16 February 2009
4 of 15
NXP Semiconductors
BUK9107-40ATC
N-channel TrenchPLUS logic level FET
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
Tmb (°C)
0
200
150
50
100
03na19
40
80
120
Pder
(%)
0
03ne74
0
25
50
75
100
125
150
25
50
75
100
125
150
175
200
Tmb(
oC)
ID
(A)
Capped at 75 A due to package
03ne75
1
10
102
103
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
1 ms
tp = 10 µs
100 µs
Capped at 75 A due to package
Limit RDSon = VDS/ID


Similar Part No. - BUK9107-40ATC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9107-40ATC NEXPERIA-BUK9107-40ATC Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 04 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC PHILIPS-BUK9107-40ATC_15 Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
More results

Similar Description - BUK9107-40ATC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9C07-65BIT PHILIPS-BUK9C07-65BIT_15 Datasheet
375Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 03-15 July 2010
BUK9907-55ATE NXP-BUK9907-55ATE Datasheet
258Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9C10-55BIT PHILIPS-BUK9C10-55BIT_15 Datasheet
338Kb / 14P
   N-channel TrenchPLUS logic level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-55ATE NXP-BUK9107-55ATE Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9907-40ATC NXP-BUK9907-40ATC Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9907-40ATC PHILIPS-BUK9907-40ATC_15 Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com