Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9520-100B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK9520-100B
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9520-100B Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9520-100B Datasheet HTML 1Page - NXP Semiconductors BUK9520-100B Datasheet HTML 2Page - NXP Semiconductors BUK9520-100B Datasheet HTML 3Page - NXP Semiconductors BUK9520-100B Datasheet HTML 4Page - NXP Semiconductors BUK9520-100B Datasheet HTML 5Page - NXP Semiconductors BUK9520-100B Datasheet HTML 6Page - NXP Semiconductors BUK9520-100B Datasheet HTML 7Page - NXP Semiconductors BUK9520-100B Datasheet HTML 8Page - NXP Semiconductors BUK9520-100B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BUK9520-100B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 May 2009
5 of 12
NXP Semiconductors
BUK9520-100B
N-channel TrenchMOS logic level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V; Tj =25°C
100
-
-
V
ID =0.25mA; VGS =0V; Tj =-55 °C
90
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj =25°C;
see Figure 10
11.58
2
V
ID =1mA; VDS = VGS; Tj = 175 °C;
see Figure 10
0.5
-
-
V
ID =1mA; VDS = VGS; Tj =-55 °C;
see Figure 10
--2.3
V
IDSS
drain leakage current
VDS =100 V; VGS =0V; Tj = 175 °C
-
-
500
µA
VDS =100 V; VGS =0V; Tj = 25 °C
-
0.05
1
µA
IGSS
gate leakage current
VDS =0V; VGS =-10 V; Tj = 25 °C
-
2
100
nA
VDS =0V; VGS =10V; Tj = 25 °C
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =25A; Tj =25°C;
see Figure 11; see Figure 12
-
16.4
22.3
m
VGS =10V; ID =25A; Tj =25°C;
see Figure 11; see Figure 12
-
15.6
18.5
m
VGS =5V; ID =25A; Tj =175 °C;
see Figure 12; see Figure 11
--50
m
VGS =5V; ID =25A; Tj =25°C;
see Figure 12; see Figure 11
-
16.2
20
m
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =80V; VGS =5V;
Tj =25°C; see Figure 14; see Figure 15
-
53.4
-
nC
QGS
gate-source charge
-
9.5
-
nC
QGD
gate-drain charge
-
21.2
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 16
-
4300
5657
pF
Coss
output capacitance
-
340
411
pF
Crss
reverse transfer
capacitance
-
150
201
pF
td(on)
turn-on delay time
VDS =30V; RL =1.2 Ω; VGS =5V;
RG(ext) =10 Ω; Tj =25 °C
-45
-
ns
tr
rise time
-
116
-
ns
td(off)
turn-off delay time
-
173
-
ns
tf
fall time
-
77
-
ns
LD
internal drain
inductance
from drain lead 6 mm from package to
centre of die; Tj =25°C
-4.5
-
nH
from upper edge of drain mounting base to
centre of die; Tj =25°C
-2.5
-
nH
LS
internal source
inductance
from source lead to source bond pad;
Tj =25°C
-7.5
-
nH


Similar Part No. - BUK9520-100B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9520-100B NEXPERIA-BUK9520-100B Datasheet
320Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01 - 6 May 2009
logo
NXP Semiconductors
BUK9520-100B PHILIPS-BUK9520-100B_15 Datasheet
205Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-6 May 2009
More results

Similar Description - BUK9520-100B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com