Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT3-100P-22H03 Datasheet(PDF) 5 Page - Hirose Electric

Part # IT3-100P-22H03
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3-100P-22H03 Datasheet(HTML) 5 Page - Hirose Electric

  IT3-100P-22H03 Datasheet HTML 1Page - Hirose Electric IT3-100P-22H03 Datasheet HTML 2Page - Hirose Electric IT3-100P-22H03 Datasheet HTML 3Page - Hirose Electric IT3-100P-22H03 Datasheet HTML 4Page - Hirose Electric IT3-100P-22H03 Datasheet HTML 5Page - Hirose Electric IT3-100P-22H03 Datasheet HTML 6Page - Hirose Electric IT3-100P-22H03 Datasheet HTML 7Page - Hirose Electric IT3-100P-22H03 Datasheet HTML 8Page - Hirose Electric IT3-100P-22H03 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
qDifferential Insertion Loss
The differential insertion loss is less than -2dB up to 12GHz.
0
5
10
15
20
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
S514
0
5
10
15
20
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
S514
0
5
10
15
20
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
S514
17mm Height
25mm Height
32mm Height
qDifferential Return Loss
The connector-only differential return loss for the center pair meets the extrapolated IEEE 802.3ap spec up to
12GHz. (The attenuation of PCB traces in the channel will give an even larger margin.)
0
5
10
15
20
-50
-40
-30
-20
-10
0
Frequency (GHz)
RL
IEEE Spec
0
5
10
15
20
-50
-40
-30
-20
-10
0
Frequency (GHz)
RL
IEEE Spec
0
5
10
15
20
-50
-40
-30
-20
-10
0
Frequency (GHz)
RL
IEEE Spec
17mm Height
25mm Height
32mm Height
qDifferential Near-End Crosstalk (NEXT)
The near-end crosstalk at the center pair from surrounding 8 aggressors is shown below. The NEXT is not as
critical because TX and RX can be grouped into separate wafers.
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
S51
S52
S53
S54
S56
S57
S58
S59
Sum
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
S51
S52
S53
S54
S56
S57
S58
S59
Sum
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
S51
S52
S53
S54
S56
S57
S58
S59
Sum
17mm Height
25mm Height
32mm Height


Similar Part No. - IT3-100P-22H03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3-300P-17H HIROSE-IT3-300P-17H Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3-300P-32H HIROSE-IT3-300P-32H Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
More results

Similar Description - IT3-100P-22H03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com