Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYC15X-600 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYC15X-600
Description  Rectifier diode, hyperfast
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC15X-600 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYC15X-600 Datasheet HTML 1Page - NXP Semiconductors BYC15X-600 Datasheet HTML 2Page - NXP Semiconductors BYC15X-600 Datasheet HTML 3Page - NXP Semiconductors BYC15X-600 Datasheet HTML 4Page - NXP Semiconductors BYC15X-600 Datasheet HTML 5Page - NXP Semiconductors BYC15X-600 Datasheet HTML 6Page - NXP Semiconductors BYC15X-600 Datasheet HTML 7Page - NXP Semiconductors BYC15X-600 Datasheet HTML 8Page - NXP Semiconductors BYC15X-600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BYC15X-600_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2007
3 of 10
NXP Semiconductors
BYC15X-600
Rectifier diode, hyperfast
5.
Thermal characteristics
6.
Isolation characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-h)
thermal resistance from junction to heatsink with heatsink compound;
see Figure 1
-
-
3.6
K/W
Rth(j-a)
thermal resistance from junction to ambient in free air
-
55
-
K/W
Fig 1.
Transient thermal impedance from junction to heatsink as a function of pulse width
001aah190
1
10−1
10
Zth(j-h)
(K/W)
10−3
10−2
tp (s)
10−6
10
1
10−1
10−5
10−3
10−2
10−4
tp
tp
T
P
t
T
δ =
Table 5.
Isolation limiting values and characteristics
Th = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
from all terminals to external heatsink;
f = 50 Hz to 60 Hz; sinusoidal waveform;
relative humidity
≤ 65 %; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
from pin 1 (cathode) to external heatsink;
f=1MHz
-10
-
pF


Similar Part No. - BYC15X-600

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC15X-600 WEEN-BYC15X-600 Datasheet
390Kb / 10P
   Rectifier diode, hyperfast
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
logo
Inchange Semiconductor ...
BYC15X-600P ISC-BYC15X-600P Datasheet
359Kb / 2P
   Ultrafast Rectifier
logo
NXP Semiconductors
BYC15X-600P PHILIPS-BYC15X-600P_15 Datasheet
181Kb / 9P
   Hyperfast power diode
9 May 2014
BYC15X-600 PHILIPS-BYC15X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
More results

Similar Description - BYC15X-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC5X-600 PHILIPS-BYC5X-600_15 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
BYC15X-600 PHILIPS-BYC15X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 PHILIPS-BYC20-600_15 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20X-600 PHILIPS-BYC20X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC15-600 NXP-BYC15-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 NXP-BYC20-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC10X-600.127 NXP-BYC10X-600.127 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
BYC20X-600 NXP-BYC20X-600 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC10X-600 PHILIPS-BYC10X-600_15 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
logo
Unisonic Technologies
BYC15 UTC-BYC15 Datasheet
171Kb / 3P
   RECTIFIER DIODE, HYPERFAST
logo
NXP Semiconductors
BYC5X-600 NXP-BYC5X-600 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com