Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT3-100P-28H03 Datasheet(PDF) 3 Page - Hirose Electric

Part # IT3-100P-28H03
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3-100P-28H03 Datasheet(HTML) 3 Page - Hirose Electric

  IT3-100P-28H03 Datasheet HTML 1Page - Hirose Electric IT3-100P-28H03 Datasheet HTML 2Page - Hirose Electric IT3-100P-28H03 Datasheet HTML 3Page - Hirose Electric IT3-100P-28H03 Datasheet HTML 4Page - Hirose Electric IT3-100P-28H03 Datasheet HTML 5Page - Hirose Electric IT3-100P-28H03 Datasheet HTML 6Page - Hirose Electric IT3-100P-28H03 Datasheet HTML 7Page - Hirose Electric IT3-100P-28H03 Datasheet HTML 8Page - Hirose Electric IT3-100P-28H03 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
sOrdering Information
IT 3
** - *** S - BGA ** (**)
1
2
3
4
5
6
7
IT 3
** - *** P - ** H ** (**)
1
2
3
4
8
6
9
qReceptacle
qInterposer
Series name : IT3
Receptacle Type
D
: Mating Receptacle
D*
: Mating Receptacle ( Customized )
M
: Mounting Receptacle
M* : Mounting Receptacle ( Coustomized )
Interposer Type
Blank: Standard
**
: Customized
Contact Positions : 100, 180
*, 200, 300
*180 pos. is 2 columns depopulated version for
higher voltage proof.
Connector type
S : Receptacle
P : Interposer
1
2
3
4
BGA : Ball Grid Array
Package Specification
Blank : Standard
** : Customized
Material and Plating Specification of Receptacle
(37) : Pb-free Solder Sn(96.5)-Ag(3.0)-Cu(0.5)
Contact Area : Au(0.76µm)+Ni(1.5µm)
(57) : Eutectic Solder Sn(63)-Pb(37)
Contact Area : Au(0.76µm)+Ni(1.5µm)
Stacking Height (mm)
17, 20, 22, 25, 26, 28, 30, 32, 38, 40
Plating Specification of Interposer
(03) : Contact Area : Au(0.76µm)+Ni(1.5µm)
5
6
7
8
9


Similar Part No. - IT3-100P-28H03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3-300P-17H HIROSE-IT3-300P-17H Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3-300P-32H HIROSE-IT3-300P-32H Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
More results

Similar Description - IT3-100P-28H03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com