Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDXRRX005KGAB5 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # ASDXRRX005KGAB5
Description  ASDX Series Silicon Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXRRX005KGAB5 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

  ASDXRRX005KGAB5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXRRX005KGAB5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXRRX005KGAB5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXRRX005KGAB5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXRRX005KGAB5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXRRX005KGAB5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Sensing and Control
Honeywell
1985 Douglas Drive North
Golden Valley, MN 55422
www.honeywell.com/sensing
008090-9-EN IL50 GLO Printed in USA
October 2009
Copyright © 2009 Honeywell International Inc. All rights reserved.
WARNING
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop
devices or in any other application where failure of the
product could result in personal injury.
Failure to comply with these instructions could result
in death or serious injury.
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of
defective materials and faulty workmanship. Honeywell’s
standard product warranty applies unless agreed to otherwise
by Honeywell in writing; please refer to your order
acknowledgement or consult your local sales office for specific
warranty details. If warranted goods are returned to Honeywell
during the period of coverage, Honeywell will repair or replace,
at its option, without charge those items it finds defective. The
foregoing is buyer’s sole remedy and is in lieu of all other
warranties, expressed or implied, including those of
merchantability and fitness for a particular purpose. In no
event shall Honeywell be liable for consequential, special,
or indirect damages.
While we provide application assistance personally, through
our literature and the Honeywell web site, it is up to the
customer to determine the suitability of the product in the
application.
Specifications may change without notice. The information we
supply is believed to be accurate and reliable as of this
printing. However, we assume no responsibility for its use.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for
reference only. Do not use this document as a product
installation guide.
• Complete installation, operation, and maintenance
information is provided in the instructions supplied with
each product.
Failure to comply with these instructions could result in
death or serious injury.
SALES AND SERVICE
Honeywell serves its customers through a worldwide network
of sales offices, representatives and distributors. For
application assistance, current specifications, pricing or name
of the nearest Authorized Distributor, contact your local sales
office or:
E-mail: info.sc@honeywell.com
Internet: www.honeywell.com/sensing
Phone and Fax:
Asia Pacific
+65 6355-2828; +65 6445-3033 Fax
Europe
+44 (0) 1698 481481; +44 (0) 1698 481676 Fax
Latin America
+1-305-805-8188; +1-305-883-8257 Fax
USA/Canada
+1-800-537-6945; +1-815-235-6847
+1-815-235-6545 Fax


Similar Part No. - ASDXRRX005KGAB5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
ASDX001A24D ETC-ASDX001A24D Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
ASDX001A24H ETC-ASDX001A24H Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
ASDX001A24M ETC-ASDX001A24M Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
ASDX001A24R ETC-ASDX001A24R Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
More results

Similar Description - ASDXRRX005KGAB5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
50042440 HONEYWELL-50042440 Datasheet
553Kb / 2P
   ASDX Series Silicon Pressure Sensors with Analog Output
July 2010
logo
List of Unclassifed Man...
TPS31 ETC2-TPS31 Datasheet
138Kb / 4P
   Silicon Pressure Sensors
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
MPX5999D MOTOROLA-MPX5999D Datasheet
84Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
   TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com