Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT3-180P-30H03 Datasheet(PDF) 8 Page - Hirose Electric

Part # IT3-180P-30H03
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3-180P-30H03 Datasheet(HTML) 8 Page - Hirose Electric

Back Button IT3-180P-30H03 Datasheet HTML 4Page - Hirose Electric IT3-180P-30H03 Datasheet HTML 5Page - Hirose Electric IT3-180P-30H03 Datasheet HTML 6Page - Hirose Electric IT3-180P-30H03 Datasheet HTML 7Page - Hirose Electric IT3-180P-30H03 Datasheet HTML 8Page - Hirose Electric IT3-180P-30H03 Datasheet HTML 9Page - Hirose Electric IT3-180P-30H03 Datasheet HTML 10Page - Hirose Electric IT3-180P-30H03 Datasheet HTML 11Page - Hirose Electric IT3-180P-30H03 Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
Mounting Side
Mating Side
A±0.5
Spacer
Spacer
IT3**-300P-25H(**)
Mother board
Daughter card
IT3D*-300S-BGA(**)
IT3M*-300S-BGA(**)
Mating condition without spacers
Mating condition with spacers
Mating Cross Section(FREE)
Mounting Side
Mating Side
sInterposer
*Unit: mm
Height
(mm)
Part Number
CL No.
A
B
C
D
17
20
22
25
26
IT3-200P-17H(03)
IT3-300P-17H(03)
IT3-100P-20H(03)
IT3-200P-20H(03)
IT3-300P-20H(03)
IT3-200P-22H(03)
IT3-300P-22H(03)
IT3-100P-25H(03)
IT3M2-180P-25H(03)
IT3-200P-25H(03)
IT3-300P-25H(03)
IT3-100P-26H(03)
IT3-200P-26H(03)
IT3-300P-26H(03)
636-0100-4-03
636-0130-5-03
636-0223-4-03
636-0224-7-03
636-0225-0-03
636-0209-3-03
636-0210-2-03
636-0150-2-03
636-0157-1-03
636-0155-6-03
636-0160-6-03
636-0165-0-03
636-0110-8-03
636-0135-9-03
41.5
59.0
24.0
41.5
59.0
41.5
59.0
24.0
41.5
41.5
59.0
24.0
41.5
59.0
15.8
18.8
20.8
23.8
24.8
16.6
19.6
21.6
24.6
25.6
17.0
20.0
22.0
25.0
26.0
Height
(mm)
Part Number
CL No.
A
B
C
D
28
30
32
38
40
IT3-100P-28H(03)
IT3M2-180P-28H(03)
IT3-200P-28H(03)
IT3-300P-28H(03)
IT3-200P-30H(03)
IT3-300P-30H(03)
IT3-200P-32H(03)
IT3-300P-32H(03)
IT3-100P-38H(03)
IT3-200P-38H(03)
IT3-300P-38H(03)
IT3-100P-40H(03)
IT3-200P-40H(03)
IT3-300P-40H(03)
636-0170-0-03
636-0107-3-03
636-0105-8-03
636-0140-9-03
636-0180-3-03
636-0185-7-03
636-0115-1-03
636-0145-2-03
636-0200-9-03
636-0195-0-03
636-0190-7-03
636-0230-0-03
636-0227-5-03
636-0175-3-03
24.0
41.5
41.5
59.0
41.5
59.0
41.5
59.0
24.0
41.5
59.0
24.0
41.5
59.0
26.8
28.8
30.8
36.8
38.8
27.6
29.6
31.6
37.6
39.6
28.0
30.0
32.0
38.0
40.0


Similar Part No. - IT3-180P-30H03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3-300P-17H HIROSE-IT3-300P-17H Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3-300P-32H HIROSE-IT3-300P-32H Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
More results

Similar Description - IT3-180P-30H03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com