Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55-B3V6 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BZV55-B3V6
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV55-B3V6 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BZV55-B3V6 Datasheet HTML 4Page - NXP Semiconductors BZV55-B3V6 Datasheet HTML 5Page - NXP Semiconductors BZV55-B3V6 Datasheet HTML 6Page - NXP Semiconductors BZV55-B3V6 Datasheet HTML 7Page - NXP Semiconductors BZV55-B3V6 Datasheet HTML 8Page - NXP Semiconductors BZV55-B3V6 Datasheet HTML 9Page - NXP Semiconductors BZV55-B3V6 Datasheet HTML 10Page - NXP Semiconductors BZV55-B3V6 Datasheet HTML 11Page - NXP Semiconductors BZV55-B3V6 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BZV55_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 19 July 2007
8 of 12
NXP Semiconductors
BZV55 series
Voltage regulator diodes
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 6.
Package outline SOD80C
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
Note
1. The marking band indicates the cathode.
SOD80C
100H01
05-01-26
06-03-16
Hermetically sealed glass surface-mounted package; 2 connectors
SOD80C
UNIT
D
mm
1.60
1.45
3.7
3.3
0.3
H
L
DIMENSIONS (mm are the original dimensions)
H
D
LL
(1)
0
1
2 mm
scale
ka
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
2500
10000
BZV55-B2V4 to
BZV55-C75
SOD80C
4 mm pitch, 8 mm tape and reel
-115
-135


Similar Part No. - BZV55-B3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-B3V6 PHILIPS-BZV55-B3V6 Datasheet
60Kb / 12P
   Voltage regulator diodes
2002 Feb 28
logo
General Semiconductor
BZV55-B3V6 GE-BZV55-B3V6 Datasheet
294Kb / 7P
   ZENER DIODES
logo
GOOD-ARK Electronics
BZV55-B3V6 GOOD-ARK-BZV55-B3V6 Datasheet
313Kb / 7P
   Zener Diodes
More results

Similar Description - BZV55-B3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com