Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTL06122BHF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CBTL06122BHF
Description  High-performance DisplayPort/PCIe Gen2 hex display multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06122BHF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CBTL06122BHF Datasheet HTML 6Page - NXP Semiconductors CBTL06122BHF Datasheet HTML 7Page - NXP Semiconductors CBTL06122BHF Datasheet HTML 8Page - NXP Semiconductors CBTL06122BHF Datasheet HTML 9Page - NXP Semiconductors CBTL06122BHF Datasheet HTML 10Page - NXP Semiconductors CBTL06122BHF Datasheet HTML 11Page - NXP Semiconductors CBTL06122BHF Datasheet HTML 12Page - NXP Semiconductors CBTL06122BHF Datasheet HTML 13Page - NXP Semiconductors CBTL06122BHF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CBTL06122_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 April 2009
10 of 19
NXP Semiconductors
CBTL06122
High-performance DP/PCIe Gen2 hex display multiplexer
7.2 Shutdown function
The CBTL06122 provides a shutdown function to minimize power consumption when the
application is not active but power to the CBTL06122 is provided. Pin XSD (active LOW)
puts all channels in off mode (non-conducting) while reducing current consumption to
near-zero.
8.
Limiting values
[1]
Human Body Model: ANSI/EOS/ESD-S5.1-1994, standard for ESD sensitivity testing, Human Body Model -
Component level; Electrostatic Discharge Association, Rome, NY, USA.
[2]
Charged Device Model: ANSI/EOS/ESD-S5.3-1-1999, standard for ESD sensitivity testing, Charged Device
Model - Component level; Electrostatic Discharge Association, Rome, NY, USA.
9.
Recommended operating conditions
Table 5.
Shutdown function
XSD
State
0
shutdown
1
active
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+5
V
Tcase
case temperature
for operation within
specification
−40
+85
°C
Vesd
electrostatic discharge
voltage
HBM
[1] -
4000
V
CDM
[2] -
1000
V
Table 7.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.0
3.3
3.6
V
VI
input voltage
-
-
3.6
V
Tamb
ambient temperature
operating in free air
−40
-
+85
°C


Similar Part No. - CBTL06122BHF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06121 NXP-CBTL06121 Datasheet
109Kb / 19P
   Gen1 hex display multiplexer
Rev. 01-23 May 2008
CBTL06121AHF NXP-CBTL06121AHF Datasheet
109Kb / 19P
   Gen1 hex display multiplexer
Rev. 01-23 May 2008
CBTL06121BHF NXP-CBTL06121BHF Datasheet
109Kb / 19P
   Gen1 hex display multiplexer
Rev. 01-23 May 2008
More results

Similar Description - CBTL06122BHF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06DP212 NXP-CBTL06DP212 Datasheet
158Kb / 18P
   High-performance DisplayPort Gen2 2 : 1 multiplexer
Rev. 2 ??3 November 2011
CBTL03SB212 NXP-CBTL03SB212 Datasheet
140Kb / 16P
   DisplayPort Gen2 sideband signal multiplexer
Rev. 1-21 February 2011
CBTL06DP213 NXP-CBTL06DP213 Datasheet
243Kb / 17P
   Third generation high-performance DisplayPort multiplexer
Rev. 4-23 March 2017
CBTL06121 NXP-CBTL06121 Datasheet
109Kb / 19P
   Gen1 hex display multiplexer
Rev. 01-23 May 2008
logo
Pericom Semiconductor C...
PI6CEQ20200 PERICOM-PI6CEQ20200 Datasheet
875Kb / 9P
   PCIe Gen2 / Gen3 Buffer
logo
Maxim Integrated Produc...
MAX4928A MAXIM-MAX4928A Datasheet
148Kb / 13P
   DisplayPort/PCIe Passive Switches
Rev 1; 8/08
logo
Axiomtek Co., Ltd.
SHB106 AXIOMTEK-SHB106 Datasheet
161Kb / 1P
   PCIe Gen2 at 5GT/s supported
logo
Pericom Semiconductor C...
PI3PCIE2612-A PERICOM-PI3PCIE2612-A_15 Datasheet
871Kb / 18P
   High Bandwidth, 6-Differential Channel 1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
PI3PCIE2612-A PERICOM-PI3PCIE2612-A Datasheet
777Kb / 18P
   High Bandwidth, 6-Differential Channel 1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com