Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1003D160 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # DAC1003D160
Description  Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1003D160 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button DAC1003D160 Datasheet HTML 5Page - NXP Semiconductors DAC1003D160 Datasheet HTML 6Page - NXP Semiconductors DAC1003D160 Datasheet HTML 7Page - NXP Semiconductors DAC1003D160 Datasheet HTML 8Page - NXP Semiconductors DAC1003D160 Datasheet HTML 9Page - NXP Semiconductors DAC1003D160 Datasheet HTML 10Page - NXP Semiconductors DAC1003D160 Datasheet HTML 11Page - NXP Semiconductors DAC1003D160 Datasheet HTML 12Page - NXP Semiconductors DAC1003D160 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DAC1003D160_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
9 of 19
NXP Semiconductors
DAC1003D160
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
[1]
Guaranteed by design.
In(o)
output noise current
-
120
-
pA/
√Hz
Eoffset
offset error
relative to full-scale
-
−0.3
-
%
EG
gain error
relative to full-scale
−5.4
-
+5.4
%
∆GIQ
IQ gain mismatch
between I and Q, relative to
full-scale
-
±0.2
-
%
SFDR
spurious free dynamic
range
fclk = 80 MHz; B = Nyquist
fo = 2.5 MHz at 0 dBFS
-
80
-
dBc
fo = 5 MHz at 0 dBFS
-
72
-
dBc
fo = 13 MHz at 0 dBFS
-
64
-
dBc
α2H
second harmonic level
fo = 5 MHz
-
73
-
dBc
fo = 13 MHz
-
65
-
dBc
α3H
third harmonic level
fo = 5 MHz
-
88
-
dBc
fo = 13 MHz
-
86
-
dBc
IMD2
second-order
intermodulation distortion
fclk = 80 MHZ; fo 1 = 10 MHz;
fo 2 = 12 MHz; B = Nyquist
-
65
-
dBc
IMD3
third-order intermodulation
distortion
fclk = 80 MHz; fo 1 = 10 MHz;
fo 2 = 12 MHz
-
84
-
dBc
THD
total harmonic distortion
fclk = 80 MHz; B = Nyquist; Tamb =25 °C
fo = 2.5 MHz
-
75
-
dBc
fo = 5 MHz
68
71
-
dBc
NSD
noise spectral density
fclk =80MHz
fo = 2.5 MHz
-
−155
-
dBm/Hz
fo = 5 MHz
-
−155
-
dBm/Hz
fo = 19 MHz
-
−153
-
dBm/Hz
S/N
signal-to-noise ratio
fclk = 80 Msample/s; B = Nyquist
fo = 2.5 MHz
-
80
-
dBc
fo = 5 MHz
70
80
-
dBc
fo = 19 MHz
-
78
-
dBc
ACPR
adjacent channel power
ratio
baseband; 5 MHz channel spacing; B = 3.84 MHz
fo = 2.5 MHz
-
60
-
dBc
fo = 20 MHz
-
61
-
dBc
Table 5.
Characteristics …continued
VCCD =VCCA = 3.0 V to 3.6 V; AGND and DGND connected together; Tamb = −40 °C to +85 °C; typical values measured at
VCCD =VCCA = 3.3 V, IO(fs) = 20 mA and Tamb =25 °C; dynamic parameters measured using output schematic given in
Figure 10; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
Band gap
Band gap disable (GAPD)
Band gap input/output (GAPOUT)
Internal band gap
LOW
output (VGAPOUT = 1.2 V)
enable
HIGH
input
disable


Similar Part No. - DAC1003D160

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160HW IDT-DAC1003D160HW Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
Renesas Technology Corp
DAC1003D160HW RENESAS-DAC1003D160HW Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
More results

Similar Description - DAC1003D160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com