Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV85-C15 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZV85-C15
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV85-C15 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZV85-C15 Datasheet HTML 1Page - NXP Semiconductors BZV85-C15 Datasheet HTML 2Page - NXP Semiconductors BZV85-C15 Datasheet HTML 3Page - NXP Semiconductors BZV85-C15 Datasheet HTML 4Page - NXP Semiconductors BZV85-C15 Datasheet HTML 5Page - NXP Semiconductors BZV85-C15 Datasheet HTML 6Page - NXP Semiconductors BZV85-C15 Datasheet HTML 7Page - NXP Semiconductors BZV85-C15 Datasheet HTML 8Page - NXP Semiconductors BZV85-C15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BZV85_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2009
5 of 10
NXP Semiconductors
BZV85 series
Voltage regulator diodes
Table 8.
Characteristics per type
Tj =25 °C unless otherwise specified.
BZV85-
Cxxx
Working
voltage
VZ (V)
Differential
resistance
rdif (Ω)
Temperature
coefficient
SZ (mV/K)
Test
current
Itest
(mA)
Diode
capacitance
Cd (pF)
Reverse
current
IR (µA)
Non-repetitive peak
reverse current
IZSM
at Itest
at Itest
at Itest
at f = 1 MHz;
VR =0V
at tp = 100 µs;
Tamb =25 °C
at tp = 10 ms;
Tamb =25 °C
Min
Max
Max
Min
Max
Max
Max
VR (V) Max (A)
Max (mA)
3V6
3.4
3.8
15
−3.5
−1.0
60
450
50
1.0
8.0
2000
3V9
3.7
4.1
15
−3.5
−1.0
60
450
10
1.0
8.0
1950
4V3
4.0
4.6
13
−2.7
0
50
450
5
1.0
8.0
1850
4V7
4.4
5.0
13
−2.0
0.7
45
300
3
1.0
8.0
1800
5V1
4.8
5.4
10
−0.5
2.2
45
300
3
2.0
8.0
1750
5V6
5.2
6.0
7
0
2.7
45
300
2
2.0
8.0
1700
6V2
5.8
6.6
4
0.6
3.6
35
200
2
3.0
7.0
1620
6V8
6.4
7.2
3.5
1.3
4.3
35
200
2
4.0
7.0
1550
7V5
7.0
7.9
3
2.5
5.5
35
150
1
4.5
5.0
1500
8V2
7.7
8.7
5
3.1
6.1
25
150
0.7
5.0
5.0
1400
9V1
8.5
9.6
5
3.8
7.2
25
150
0.7
6.5
4.0
1340
10
9.4
10.6
8
4.7
8.5
25
90
0.2
7.0
4.0
1200
11
10.4
11.6
10
5.3
9.3
20
85
0.2
7.7
3.0
1100
12
11.4
12.7
10
6.3
10.8
20
85
0.2
8.4
3.0
1000
13
12.4
14.1
10
7.4
12.0
20
80
0.2
9.1
3.0
900
15
13.8
15.6
15
8.9
13.6
15
75
0.05
10.5
2.5
760
16
15.3
17.1
15
10.7
15.4
15
75
0.05
11.0
1.75
700
18
16.8
19.1
20
11.8
17.1
15
70
0.05
12.5
1.75
600
20
18.8
21.2
24
13.6
19.1
10
60
0.05
14.0
1.75
540
22
20.8
23.3
25
16.6
22.1
10
60
0.05
15.5
1.5
500
24
22.8
25.6
30
18.3
24.3
10
55
0.05
17
1.5
450
27
25.1
28.9
40
20.1
27.5
8
50
0.05
19
1.2
400
30
28.0
32.0
45
22.4
32.0
8
50
0.05
21
1.2
380
33
31.0
35.0
45
24.8
35.0
8
45
0.05
23
1.0
350
36
34.0
38.0
50
27.2
39.9
8
45
0.05
25
0.9
320
39
37.0
41.0
60
29.6
43.0
6
45
0.05
27
0.8
296
43
40.0
46.0
75
34.0
48.3
6
40
0.05
30
0.7
270
47
44.0
50.0
100
37.4
52.5
4
40
0.05
33
0.6
246
51
48.0
54.0
125
40.8
56.5
4
40
0.05
36
0.5
226
56
52.0
60.0
150
46.8
63.0
4
40
0.05
39
0.4
208
62
58.0
66.0
175
52.2
72.5
4
35
0.05
43
0.4
186
68
64.0
72.0
200
60.5
81.0
4
35
0.05
48
0.35
171
75
70.0
80.0
225
66.5
88.0
4
35
0.05
53
0.3
161


Similar Part No. - BZV85-C15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV85-C15 PHILIPS-BZV85-C15 Datasheet
53Kb / 8P
   Voltage regulator diodes
1999 May 11
logo
Nexperia B.V. All right...
BZV85-C15 NEXPERIA-BZV85-C15 Datasheet
1Mb / 10P
   Voltage regulator diodes
Rev. 03 - 10 November 2009
More results

Similar Description - BZV85-C15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com